Electronic Components Datasheet Search
  English  ▼

X  

OPA855YR Datasheet(PDF) 31 Page - Texas Instruments

Part # OPA855YR
Description  OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855YR Datasheet(HTML) 31 Page - Texas Instruments

Back Button OPA855YR Datasheet HTML 27Page - Texas Instruments OPA855YR Datasheet HTML 28Page - Texas Instruments OPA855YR Datasheet HTML 29Page - Texas Instruments OPA855YR Datasheet HTML 30Page - Texas Instruments OPA855YR Datasheet HTML 31Page - Texas Instruments OPA855YR Datasheet HTML 32Page - Texas Instruments OPA855YR Datasheet HTML 33Page - Texas Instruments OPA855YR Datasheet HTML 34Page - Texas Instruments OPA855YR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
10 Device and Documentation Support
10.1 Device Support
10.1.1 Development Support
• LIDAR Pulsed Time of Flight Reference Design
• LIDAR-Pulsed Time-of-Flight Reference Design Using High-Speed Data Converters
• Wide Bandwidth Optical Front-end Reference Design
10.2 Documentation Support
10.2.1 Related Documentation
For related documentation, see the following:
• Texas Instruments, OPA855EVM user's guide
• Texas Instruments, Training Video: High-Speed Transimpedance Amplifier Design Flow
• Texas Instruments, Training Video: How to Design Transimpedance Amplifier Circuits
• Texas Instruments, Training Video: How to Convert a TINA-TI Model into a Generic SPICE Model
• Texas Instruments, Transimpedance Considerations for High-Speed Amplifiers application report
• Texas Instruments, What You Need To Know About Transimpedance Amplifiers – Part 1
• Texas Instruments, What You Need To Know About Transimpedance Amplifiers – Part 2
10.3 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
10.4 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
10.5 Trademarks
TI E2E™ is a trademark of Texas Instruments.
Excel® is a registered trademark of Microsoft Corporation.
All trademarks are the property of their respective owners.
10.6 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
10.7 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
11 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (January 2023) to Revision D (May 2025)
Page
• Changed bare die status from preview to production data (active).................................................................... 1
www.ti.com
OPA855
SBOS622D – JULY 2018 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: OPA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com