Electronic Components Datasheet Search
  English  ▼

X  

OPA855YR Datasheet(PDF) 23 Page - Texas Instruments

Part # OPA855YR
Description  OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855YR Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA855YR Datasheet HTML 19Page - Texas Instruments OPA855YR Datasheet HTML 20Page - Texas Instruments OPA855YR Datasheet HTML 21Page - Texas Instruments OPA855YR Datasheet HTML 22Page - Texas Instruments OPA855YR Datasheet HTML 23Page - Texas Instruments OPA855YR Datasheet HTML 24Page - Texas Instruments OPA855YR Datasheet HTML 25Page - Texas Instruments OPA855YR Datasheet HTML 26Page - Texas Instruments OPA855YR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
9.2.1.3 Application Curves
Photodiode capacitance (pF)
0
2
4
6
8
10
12
14
16
18
20
50
0
100
20
150
40
200
60
250
80
300
100
350
120
400
140
450
160
D609
f-3dB, RF = 6 k:
f-3dB, RF = 12 k:
IRN, RF = 6 k:
IRN, RF = 12 k:
Figure 9-2. Bandwidth and Noise vs Photodiode Capacitance
Feedback Resistance (k:)
4
6
8
10
12
14
16
18
20
100
20
150
40
200
60
250
80
300
100
350
120
D610
f-3dB, CF = 1.5 pF
f-3dB, CF = 2.5 pF
IRN, CF = 1.5 pF
IRN, RF = 2.5 pF
Figure 9-3. Bandwidth and Noise vs Feedback Resistance
9.2.2 Optical Sensor Interface
There are two main approaches for current to voltage conversion. One uses a noninverting voltage feedback
amplifier in combination with a shunt resistor to first convert current and then further amplify the optical signal.
The other approach configures an amplifier for transimpedance applications which combines both steps into one.
Figure 9-4 shows the standard configuration for both approaches.
V
OUT
R
F
C
F
V
BIAS
I
PHOTO
V
BIAS
V
OUT
R
F
R
G
I
PHOTO
Figure 9-4. Transimpedance Amplifier vs Voltage Feedback Amplifier
Both configurations provide a low output impedance stage which provides the ability to interface with various
types of loads. However, the noninverting option comes with a few disadvantages. The TIA input impedance
is near zero, since the amplifier keeps the voltage at the inverting input node at the same potential as the
non-inverting input node. While the VFB input impedance is equal to the shunt resistor RL. In the case of the
VFB amplifier, the signal response can be slowed due to a large time constant created by the shunt resistor
and capacitor. Also, the linearity of the photodetector can suffer, especially for higher detector currents due to
the varying voltage bias produced at the shunt resistor. And, since the voltage bias of the photodetector is no
longer constant for all detector currents, the diode’s internal capacitance can vary. Using a TIA, the voltage bias
remains constant at the voltage set by the non-inverting node, and can provide level shifting to the signal which
is especially useful for single-supply configurations.
www.ti.com
OPA855
SBOS622D – JULY 2018 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com