Electronic Components Datasheet Search
  English  ▼

X  

PCM3070 Datasheet(PDF) 39 Page - Texas Instruments

Part # PCM3070
Description  PCM3070 Stereo Audio Codec With Embedded miniDSP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3070 Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCM3070 Datasheet HTML 35Page - Texas Instruments PCM3070 Datasheet HTML 36Page - Texas Instruments PCM3070 Datasheet HTML 37Page - Texas Instruments PCM3070 Datasheet HTML 38Page - Texas Instruments PCM3070 Datasheet HTML 39Page - Texas Instruments PCM3070 Datasheet HTML 40Page - Texas Instruments PCM3070 Datasheet HTML 41Page - Texas Instruments PCM3070 Datasheet HTML 42Page - Texas Instruments PCM3070 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
PCM3070
www.ti.com
SLAS724A – SEPTEMBER 2008 – REVISED NOVEMBER 2014
12 Power Supply Recommendations
To power up the device, a 3.3V system rail (1.9V to 3.6V) can be used. The IOVDD voltage can be in the range
of 1.1V – 3.6V. Internal LDOs can generate the appropriate digital and analog core voltages when configured to
do so. For maximum flexibility, the respective voltages can also be supplied externally, bypassing the built-in
LDOs. To support high-output drive capabilities, the output stages of the output amplifiers can be driven from the
analog core voltage or the 1.9…3.6V rail used for the LDO inputs (LDO_in).
The AVDD and LDOIN power inputs are used to power the analog circuits including analog to digital converters,
digital to analog converters, programmable gain amplifiers, headphone amplifiers, etc. The analog blocks in
PCM3070 have high power supply rejection ratio, however it is recommended that these supplies be powered by
well regulated power supplies like low dropout regulators (LDO) for optimal performance. When these power
terminals are driven from a common power source, the current drawn from the source will depend upon blocks
enabled inside the device. However as an example when all the internal blocks powered are enabled the source
should be able to deliver 150mA of current.
The DVDD powers the digital core of PCM3070, including the miniDSP, the audio serial interface, control
interfaces (SPI or I2C), clock generation and PLL. The DVDD power can be driven by high efficiency switching
regulators or low drop out regulators. When the miniDSP_A and miniDSP_D are enabled in programmable mode
and operated at peak frequencies, the supply source should be able to able to deliver approx 100mA of current.
When the PRB modes are used instead of programmable miniDSP mode, then the peak current load on DVDD
supply source could be approximately 20 mA.
The IOVDD powers the digital input and digital output buffers of PCM3070. The current consumption of this
power depends on configuration of digital terminals as inputs or outputs. When the digital terminals are
configured as outputs, the current consumption would depend on switching frequency of the signal and the load
on the output terminal, which depends on board design and input capacitance of other devices connected to the
signal.
Refer to Figure 19 for recommendations on decoupling capacitors.
For more detailed information see the PCM3070 Application Reference Guide, SLAU332.
13 Layout
13.1 Layout Guidelines
Each system design and PCB layout is unique. The layout should be carefully reviewed in the context of a
specific PCB design. However, the following guidelines can optimize PCM3070 performance:
•
Connect the thermal pad to ground.
•
The decoupling capacitors for the power supplies should be placed close to the device terminals. Figure 19
shows the recommended decoupling capacitors for the PCM3070.
•
The PCM3070 internal voltage references must be filtered using external capacitors. Place the filter
capacitors on REF near the device terminals for optimal performance.
•
For analog differential audio signals, the signals should be routed differentially on the PCB for better noise
immunity. Avoid crossing of digital and analog signals to avoid undesirable crosstalk.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: PCM3070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com