Electronic Components Datasheet Search
  English  ▼

X  

PCM3070 Datasheet(PDF) 12 Page - Texas Instruments

Part # PCM3070
Description  PCM3070 Stereo Audio Codec With Embedded miniDSP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3070 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM3070 Datasheet HTML 8Page - Texas Instruments PCM3070 Datasheet HTML 9Page - Texas Instruments PCM3070 Datasheet HTML 10Page - Texas Instruments PCM3070 Datasheet HTML 11Page - Texas Instruments PCM3070 Datasheet HTML 12Page - Texas Instruments PCM3070 Datasheet HTML 13Page - Texas Instruments PCM3070 Datasheet HTML 14Page - Texas Instruments PCM3070 Datasheet HTML 15Page - Texas Instruments PCM3070 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
PCM3070
SLAS724A – SEPTEMBER 2008 – REVISED NOVEMBER 2014
www.ti.com
Electrical Characteristics, Audio DAC Outputs (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 16Ω, Output Stage on AVDD = 1.8V
THDN < 1%, Input CM = 0.9V,
15
Output CM = 0.9V
Power Delivered
mW
RL = 16Ω Output Stage on LDOIN = 3.3V,
THDN < 1% Input CM = 0.9V,
64
Output CM = 1.65V
AUDIO DAC – STEREO SINGLE-ENDED HEADPHONE OUTPUT
Load = 16
Ω (single-ended), 50pF,
Headphone Output on AVDD Supply,
Input and Output CM = 0.75V; AVDD = 1.5V,
Device Setup
DOSR = 128, MCLK = 256 * fs,
Channel Gain = –2dB, word length = 20-bits;
Processing Block = PRB_P1,
Full scale output voltage (0dB)
0.375
VRMS
SNR
Signal-to-noise ratio, A-weighted(1)(2)
All zeros fed to DAC input
99
dB
DR
Dynamic range, A-weighted(1)(2)
-60dB 1kHz input full-scale signal
98
dB
THD+N
Total Harmonic Distortion plus Noise
–1dB full-scale, 1kHz input signal
–83
dB
AUDIO DAC – MONO DIFFERENTIAL HEADPHONE OUTPUT
Load = 32
Ω (differential), 50pF,
Headphone Output on LDOIN Supply
Input CM = 0.75V, Output CM = 1.5V,
AVDD = 1.8V, LDOIN = 3.0V, DOSR = 128
Device Setup
MCLK = 256 * fs, Channel (headphone driver)
Gain = 5dB for full scale output signal,
word length = 16 bits,
Processing Block = PRB_P1,
Full scale output voltage (0dB)
1778
mVRMS
SNR
Signal-to-noise ratio, A-weighted(1)(2)
All zeros fed to DAC input
98
dB
DR
Dynamic range, A-weighted(1)(2)
–60dB 1kHz input full-scale signal
96
dB
THD
Total Harmonic Distortion
–3dB full-scale, 1kHz input signal
–82
dB
RL = 32Ω, Output Stage on LDOIN = 3.3V,
THDN < 1%, Input CM = 0.9V,
136
mW
Output CM = 1.65V
Power Delivered
RL = 32Ω Output Stage on LDOIN = 3.0V,
THDN < 1% Input CM = 0.9V,
114
mW
Output CM = 1.5V
12
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: PCM3070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com