Electronic Components Datasheet Search
  English  ▼

X  

PCM3070 Datasheet(PDF) 13 Page - Texas Instruments

Part # PCM3070
Description  PCM3070 Stereo Audio Codec With Embedded miniDSP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3070 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM3070 Datasheet HTML 9Page - Texas Instruments PCM3070 Datasheet HTML 10Page - Texas Instruments PCM3070 Datasheet HTML 11Page - Texas Instruments PCM3070 Datasheet HTML 12Page - Texas Instruments PCM3070 Datasheet HTML 13Page - Texas Instruments PCM3070 Datasheet HTML 14Page - Texas Instruments PCM3070 Datasheet HTML 15Page - Texas Instruments PCM3070 Datasheet HTML 16Page - Texas Instruments PCM3070 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
PCM3070
www.ti.com
SLAS724A – SEPTEMBER 2008 – REVISED NOVEMBER 2014
8.8 Electrical Characteristics, LDO
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOW DROPOUT REGULATOR (AVdd)
LDOMode = 1, LDOIN > 1.95V
1.67
Output Voltage
LDOMode = 0, LDOIN > 2.0V
1.72
V
LDOMode = 2, LDOIN > 2.05V
1.77
Output Voltage Accuracy
±2%
Load Regulation
Load current range 0 to 50mA
15
mV
Line Regulation
Input Supply Range 1.9V to 3.6V
5
mV
Decoupling Capacitor
1
μF
Bias Current
60
μA
8.9 Electrical Characteristics, Misc.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE
CMMode = 0 (0.9V)
0.9
Reference Voltage Settings
V
CMMode = 1 (0.75V)
0.75
Reference Noise
CM = 0.9V, A-weighted, 20Hz to 20kHz bandwidth,
1
μVRfcMS
Cref = 10μF
Decoupling Capacitor
1
10
μF
miniDSP(1)
Maximum miniDSP clock frequency - ADC
DVDD = 1.65V
55.3
MHz
Maximum miniDSP clock frequency - DAC
DVDD = 1.65V
55.3
MHz
Shutdown Current
Coarse AVdd supply turned off, LDO_select held at
Device Setup
ground, No external digital input is toggled
I(DVDD)
0.9
μA
I(IOVDD)
13
nA
(1)
miniDSP clock speed is specified by design and not tested in production.
8.10 Electrical Characteristics, Logic Levels
(1)
At 25°C, AVDD, DVDD, IOVDD = 1.8V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC FAMILY
CMOS
IIH = 5 μA, IOVDD > 1.6V
0.7 × IOVDD
V
VIH
Logic Level
IIH = 5μA, 1.2V ≤ IOVDD < 1.6V
0.9 × IOVDD
V
IIH = 5μA, IOVDD < 1.2V
IOVDD
V
IIL = 5 μA, IOVDD > 1.6V
–0.3
0.3 × IOVDD
V
VIL
IIL = 5μA, 1.2V ≤ IOVDD < 1.6V
0.1 × IOVDD
V
IIL = 5μA, IOVDD < 1.2V
0
V
VOH
IOH = 2 TTL loads
0.8 × IOVDD
V
VOL
IOL = 2 TTL loads
0.1 × IOVDD
V
Capacitive Load
10
pF
(1)
Applies to all DI, DO, and DIO pins shown in Pin Configuration and Functions.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: PCM3070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com