Electronic Components Datasheet Search
  English  ▼

X  

PCM3070 Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM3070
Description  PCM3070 Stereo Audio Codec With Embedded miniDSP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3070 Datasheet(HTML) 4 Page - Texas Instruments

  PCM3070 Datasheet HTML 1Page - Texas Instruments PCM3070 Datasheet HTML 2Page - Texas Instruments PCM3070 Datasheet HTML 3Page - Texas Instruments PCM3070 Datasheet HTML 4Page - Texas Instruments PCM3070 Datasheet HTML 5Page - Texas Instruments PCM3070 Datasheet HTML 6Page - Texas Instruments PCM3070 Datasheet HTML 7Page - Texas Instruments PCM3070 Datasheet HTML 8Page - Texas Instruments PCM3070 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
LDOIN
HPR
DVSS
DVDD
LDO_SELECT
GPIO/MFP5 (32)
SDA/MOSI
MISO/MFP4
SPI_SELECT
IN1_L
IN1_R
IN2_L
IN2_R
RESET
SCL/SSZ
HPL
1
8
9
16
17
24
25
32
PCM3070
SLAS724A – SEPTEMBER 2008 – REVISED NOVEMBER 2014
www.ti.com
7 Pin Configuration and Functions
This document describes signals that take on different names depending on how they are configured. In such
cases, the different names are placed together and separated by slash (/) characters. For example, "SCL/SS".
Active low signals are represented by overbars.
QFN Package
(Bottom View)
Pin Functions
PIN
NAME
TYPE(1)
DESCRIPTION
1
MCLK
DI
Master Clock Input
2
BCLK
DIO
Audio serial data bus (primary) bit clock
3
WCLK
DIO
Audio serial data bus (primary) word clock
4
DIN
DI
Primary function:
Audio serial data bus data input
MFP1
Secondary function:
General Purpose Clock Input
General Purpose Input
5
DOUT
DO
Primary function:
Audio serial data bus data output
MFP2
Secondary function:
General Purpose Output
Clock Output
INT1 Output
INT2 Output
Audio serial data bus (secondary) bit clock output
Audio serial data bus (secondary) word clock output
6
IOVDD
Power
IO voltage supply 1.1V – 3.6V
7
IOVSS
Ground
IO ground supply
(1)
DI (Digital Input), DO (Digital Output), DIO (Digital Input/Output), AI (Analog Input), AO (Analog Output), AIO (Analog Input/Output)
4
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: PCM3070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com