Electronic Components Datasheet Search
  English  ▼

X  

PCM3070 Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM3070
Description  PCM3070 Stereo Audio Codec With Embedded miniDSP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3070 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM3070 Datasheet HTML 3Page - Texas Instruments PCM3070 Datasheet HTML 4Page - Texas Instruments PCM3070 Datasheet HTML 5Page - Texas Instruments PCM3070 Datasheet HTML 6Page - Texas Instruments PCM3070 Datasheet HTML 7Page - Texas Instruments PCM3070 Datasheet HTML 8Page - Texas Instruments PCM3070 Datasheet HTML 9Page - Texas Instruments PCM3070 Datasheet HTML 10Page - Texas Instruments PCM3070 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
PCM3070
www.ti.com
SLAS724A – SEPTEMBER 2008 – REVISED NOVEMBER 2014
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
AVDD to AVSS
–0.3
2.2
V
DVDD to DVSS
–0.3
2.2
V
Input voltage
IOVDD to IOVSS
–0.3
3.9
V
LDOIN to AVSS
–0.3
3.9
V
Digital Input voltage
IOVDD + 0.3
V
Analog input voltage
AVDD + 0.3
V
Operating temperature range
–40
85
°C
Junction temperature (TJ Max)
105
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
8.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–55
125
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
–2
2
kV
Electrostatic
V(ESD)
Charged device model (CDM), per JEDEC specification JESD22-C101, all
discharge
–750
750
V
pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
LDOIN
1.9
3.6
Referenced to AVSS
(1)
AVDD
1.5
1.8
1.95
Power Supply Voltage Range
V
IOVDD
Referenced to IOVSS
(1)
1.5
3.6
DVDD
(2)
Referenced to DVSS
(1)
1.8
1.95
Clock divider uses fractional divide
10
20
MHz
(D > 0), P = 1, DVDD ≥ 1.65V
PLL Input Frequency
Clock divider uses integer divide
0.512
20
MHz
(D = 0), P = 1, DVDD ≥ 1.65V
MCLK; Master Clock Frequency; DVDD ≥ 1.65V
50
MCLK
Master Clock Frequency
MHz
MCLK; Master Clock Frequency; DVDD ≥ 1.26V
25
SCL
SCL Clock Frequency
400
kHz
0.75 or
CM = 0.75 V
0
0.530
Vpeak
Audio input max ac signal swing
AVDD-0.75(3)
(IN1_L, IN1_R, IN2_L, IN2_R, IN3_L,
0.9 or
IN3_R)
CM = 0.9 V
0
0.707
Vpeak
AVDD-0.9(3)
CLout
Digital output load capacitance
10
pF
TOPR
Operating Temperature Range
–40
85
°C
(1)
All grounds on board are tied together to prevent voltage differences of more than 0.2V maximum for any combination of ground signals.
(2)
At DVDD values lower than 1.65V, the PLL does not function. Refer to the Maximum PCM3070 Clock Frequencies table in the PCM3070
Application Reference Guide (SLAU332) for details on maximum clock frequencies.
(3)
Whichever is smaller.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: PCM3070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com