Electronic Components Datasheet Search
  English  ▼

X  

PCM3070 Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM3070
Description  PCM3070 Stereo Audio Codec With Embedded miniDSP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3070 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM3070 Datasheet HTML 2Page - Texas Instruments PCM3070 Datasheet HTML 3Page - Texas Instruments PCM3070 Datasheet HTML 4Page - Texas Instruments PCM3070 Datasheet HTML 5Page - Texas Instruments PCM3070 Datasheet HTML 6Page - Texas Instruments PCM3070 Datasheet HTML 7Page - Texas Instruments PCM3070 Datasheet HTML 8Page - Texas Instruments PCM3070 Datasheet HTML 9Page - Texas Instruments PCM3070 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
PCM3070
SLAS724A – SEPTEMBER 2008 – REVISED NOVEMBER 2014
www.ti.com
Pin Functions (continued)
PIN
NAME
TYPE(1)
DESCRIPTION
27
HPR
AO
Right high power output driver
28
DVSS
Ground
Digital Ground and Chip-substrate
29
DVDD
Power
If LDO_SELECT Pin = 0 (D-LDO disabled)
Digital voltage supply 1.26V – 1.95V
If LDO_SELECT Pin = 1 (D-LDO enabled)
Digital voltage supply filtering output
30
LDO_ SELECT
DI
D-LDO enable signal (1 = D-LDO enable, 0 = D-LDO disabled)
31
RESET
DI
Reset (active low)
32
GPIO
DI
Primary function:
General Purpose digital IO
MFP5
Secondary function:
CLKOUT Output
INT1 Output
INT2 Output
Audio serial data bus ADC word clock output
Audio serial data bus (secondary) bit clock output
Audio serial data bus (secondary) word clock output
Thermal Pad
Thermal Pad
N/A
Connect to PCB ground plane. Not internally connected.
6
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: PCM3070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com