Electronic Components Datasheet Search
  English  ▼

X  

TMP442 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMP442
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor with η-Factor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP442 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP442 Datasheet HTML 13Page - Texas Instruments TMP442 Datasheet HTML 14Page - Texas Instruments TMP442 Datasheet HTML 15Page - Texas Instruments TMP442 Datasheet HTML 16Page - Texas Instruments TMP442 Datasheet HTML 17Page - Texas Instruments TMP442 Datasheet HTML 18Page - Texas Instruments TMP442 Datasheet HTML 19Page - Texas Instruments TMP442 Datasheet HTML 20Page - Texas Instruments TMP442 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
7.5 Programming
7.5.1 Temperature Data Format
Remote Temperature data is represented by an 12-bit, two's complement word with an LSB (Least Significant
Bit) equal to 0.0625°C.
Table 7-1. Remote Temperature Data Format
TEMPERATURE
DIGITAL OUTPUT
BINARY
HEX
-127.875°C
1000 0000 0010 0000
8020
−25.750°C
1110 0110 0100 0000
E640
−2.250°C
1111 1101 1100 0000
FDC0
−1.125°C
1111 1110 1110 0000
FEE0
0°C
0000 0000 0000 0000
0000
1.125°C
0000 0001 0010 0000
0120
2.250°C
0000 0010 0100 0000
0240
25.750°C
0001 1001 1100 0000
19C0
127.875°C
0111 1111 1110 0000
7FE0
Local Temperature data is represented by an 8-bit, two's complement word with an LSB (Least Significant Bit)
equal to 1°C.
Table 7-2. Local Temperature Data Format
TEMPERATURE
DIGITAL OUTPUT
BINARY
HEX
-128°C
1000 0000
80
−25°C
1110 0110
E6
−2°C
1111 1101
FD
−1°C
1111 1110
FE
0°C
0000 0000
00
1°C
0000 0001
01
2°C
0000 0101
02
25°C
0001 1001
19
127°C
0111 1111
7F
Refer to the How to Read and Interpret Digital Temperature Sensor Output Data application note for more
information about data encoding.
www.ti.com
TMP4719
SBOSAJ7 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com