Electronic Components Datasheet Search
  English  ▼

X  

TMP442 Datasheet(PDF) 33 Page - Texas Instruments

Part # TMP442
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor with η-Factor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP442 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMP442 Datasheet HTML 29Page - Texas Instruments TMP442 Datasheet HTML 30Page - Texas Instruments TMP442 Datasheet HTML 31Page - Texas Instruments TMP442 Datasheet HTML 32Page - Texas Instruments TMP442 Datasheet HTML 33Page - Texas Instruments TMP442 Datasheet HTML 34Page - Texas Instruments TMP442 Datasheet HTML 35Page - Texas Instruments TMP442 Datasheet HTML 36Page - Texas Instruments TMP442 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
Table 8-15. Scratchpad2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
Scratchpad2[7:0]
R/W
00h
8-bit Scratchpad data to store user-programmable data.
Reading the register returns the previously programmed
content. The data is volatile and power needs to be supplied
to the device for the programmed data to be retained.
8.14 THigh_Limit_Remote_Ch1_Low Register (Address = 13h) [reset = 00h]
This register is used to configure the low byte (bits 3:0) of the temperature high limit for remote channel 1.
Return to Register Map.
Figure 8-14. THigh_Limit_Remote_Ch 1_Low Register
7
6
5
4
3
2
1
0
THigh_Limit_Remote_Ch1_Low[3:0]
Reserved
R/W-0h
R-0h
Table 8-16. THigh_Limit_Remote_Ch 1_Low Register Field Descriptions
Bit
Field
Type
Reset
Description
7:4
THigh_Limit_Remote_Ch1_Low[3:0] R/W
0h
Low-byte (bits 3:0) of the 12-bit temperature alert high limit
setting for remote channel 1.
Use the THigh_Limit_Remote_Ch1_High register together with
the THigh_Limit_Remote_Ch1_Low register to get the full 12-bit
temperature alert high limit for remote channel 1.
3:0
Reserved
R
0h
Reserved
8.15 TLow_Limit_Remote_Ch1_Low Register (Address = 14h) [reset = 00h]
This register is used to configure the low byte (bits 3:0) of the temperature low limit for remote channel 1.
Return to Register Map.
Figure 8-15. TLow_Limit_Remote_Ch1_Low Register
7
6
5
4
3
2
1
0
TLow_Limit_Remote_Ch1_Low[3:0]
Reserved
R/W-0h
R-0h
Table 8-17. TLow_Limit_Remote_Ch1_Low Register Field Descriptions
Bit
Field
Type
Reset
Description
7:4
TLow_Limit_Remote_Ch1_Low [3:0] R/W
0h
Low-byte (bits 3:0) of the 12-bit temperature alert low limit
setting for remote channel 1.
Use the TLow_Limit_Remote_Ch1_High register together with
the TLow_Limit_Remote_Ch1_Low register to get the full 12-bit
temperature alert low limit for remote channel 1.
3:0
Reserved
R
0h
Reserved
8.16 THigh_Limit_Remote_Ch2_High Register (Address = 15h) [reset = 55h]
This register is used to configure the high byte (bits 11:4) of the temperature high limit for remote channel 2. The
default value 55h corresponds to a limit setting of 85°C.
Return to Register Map.
www.ti.com
TMP4719
SBOSAJ7 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com