Electronic Components Datasheet Search
  English  ▼

X  

TMP442 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMP442
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor with η-Factor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP442 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMP442 Datasheet HTML 10Page - Texas Instruments TMP442 Datasheet HTML 11Page - Texas Instruments TMP442 Datasheet HTML 12Page - Texas Instruments TMP442 Datasheet HTML 13Page - Texas Instruments TMP442 Datasheet HTML 14Page - Texas Instruments TMP442 Datasheet HTML 15Page - Texas Instruments TMP442 Datasheet HTML 16Page - Texas Instruments TMP442 Datasheet HTML 17Page - Texas Instruments TMP442 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
7.4.1.2 Comparator Mode
When the Alert Mode Setting bit in the Configuration Register is set to 1, the Alert Mode is set to Comparator
mode. In this mode, the ALERT pin is asserted at the end of a conversion cycle if the measured temperature
exceeds a High Alert Limit or goes below a Low Alert Limit defined in the limit registers. The ALERT pin
deasserts at the end of the preceding conversion cycle if the measured temperature is equal to or below a High
Alert limit and equal to or above a Low Alert limit defined in the limit registers. The ALERT mask bit does not set
after reading the status register in comparator mode.
The ALERT High Status flags are set at the end of a conversion cycle when the measured temperature exceeds
a High Alert Limit register limit and clear at the end of a conversion cycle when the measured temperature
is equal to or below the High Limit value. There are separate High Limit values and status register flags for
the remote and local temperature measurements. The status register flags only set or clear to the respective
temperature measurements.
The ALERT Low Status flag sets at the end of a conversion cycle when the measured temperature is below the
Remote Low Alert Limit register limit and clears at the end of a conversion cycle when the measured remote
temperature is equal to or above the low Limit value. There are separate Low Limit values and status register
flags for the remote and local temperature measurements. The status register flags only set to the respective
temperature measurements. Refer to Section 8.30 .
Figure 7-6 shows the behavior of the ALERT pin and flags while in Comparator mode.
-40
-20
0
20
40
60
ALERT
Pin
High Temperature Limit
ALERT
High Status
FLAG
80
100
120
140
160
Temperature Conversion Complete
Time
Temperature
Low Temperature Limit
ALERT
Low Status
FLAG
Figure 7-6. Alert Comparator Mode Timing Diagram
7.4.1.3 T_CRIT Output
The TMP4719 T_CRIT pin is an active-low, open-drain output which is asserted at the end of a conversion cycle
when the measured temperature exceeds a T_CRIT Limit defined in the T_CRIT limit registers. A T_CRIT Status
Register flag is set at the end of a conversion cycle when the measured temperature exceeds a T_CRIT Limit.
The T_CRIT pin deasserts at the end of a conversion cycle if the temperature measurement is less than the
T_CRIT limit – T_CRIT Hysteresis. The T_CRIT Hysteresis is set in the T_CRIT Hysteresis register.
When the TMP4719 is set in interrupt mode, the status register flag is cleared by reading the status register. The
Status Register flag continues to set after the end of a conversion cycle until the temperature measurement is
TMP4719
SBOSAJ7 – OCTOBER 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com