Electronic Components Datasheet Search
  English  ▼

X  

TMP442 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMP442
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor with η-Factor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP442 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMP442 Datasheet HTML 28Page - Texas Instruments TMP442 Datasheet HTML 29Page - Texas Instruments TMP442 Datasheet HTML 30Page - Texas Instruments TMP442 Datasheet HTML 31Page - Texas Instruments TMP442 Datasheet HTML 32Page - Texas Instruments TMP442 Datasheet HTML 33Page - Texas Instruments TMP442 Datasheet HTML 34Page - Texas Instruments TMP442 Datasheet HTML 35Page - Texas Instruments TMP442 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
8.11 Temp_Remote_Ch1_Low Register (Address = 10h) [reset = 00h]
This register stores the low byte (bits 3:0) of the latest temperature conversion result for channel 1 of the remote
temperature sensor.
Return to Register Map.
Figure 8-11. Temp_Remote_Ch1_Low Register
7
6
5
4
3
2
1
0
Temp_Remote_Ch1_Low[3:0]
Reserved
R-0h
R-0h
Table 8-13. Temp_Remote_Ch1_Low Register Field Descriptions
Bit
Field
Type
Reset
Description
7:4
Temp_Remote_Ch1_Low[3:0]
R
0h
Low-byte (bits 3:0) of the 12-bit temperature conversion result
for remote channel 1.
Use the Temp_Remote_Ch1_High register together with
the Temp_Remote_Ch1_Low register to get the full 12-bit
temperature data of the remote channel 1 temperature sensor.
3:0
Reserved
R
0h
Reserved
8.12 Scratchpad1 Register (Address = 11h) [reset = 00h]
This is one of the two Scratchpad registers that are editable and readable to store user-programmable data,
such as serial number and system calibration data. The Scratchpad registers are volatile.
Return to Register Map.
Figure 8-12. Scratchpad1 Register
7
6
5
4
3
2
1
0
Scratchpad1[7:0]
R/W-00h
Table 8-14. Scratchpad1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
Scratchpad1[7:0]
R/W
00h
8-bit Scratchpad data to store user-programmable data.
Reading the register returns the previously programmed
content. The data is volatile and power needs to be supplied
to the device for the programmed data to be retained.
8.13 Scratchpad2 Register (Address = 12h) [reset = 00h]
This is one of the two Scratchpad registers that are editable and readable to store user-programmable data,
such as serial number and system calibration data. The Scratchpad registers are volatile.
Return to Register Map.
Figure 8-13. Scratchpad2 Register
7
6
5
4
3
2
1
0
Scratchpad2[7:0]
R/W-00h
TMP4719
SBOSAJ7 – OCTOBER 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com