Electronic Components Datasheet Search
  English  ▼

X  

TMP442 Datasheet(PDF) 46 Page - Texas Instruments

Part # TMP442
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor with η-Factor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP442 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMP442 Datasheet HTML 42Page - Texas Instruments TMP442 Datasheet HTML 43Page - Texas Instruments TMP442 Datasheet HTML 44Page - Texas Instruments TMP442 Datasheet HTML 45Page - Texas Instruments TMP442 Datasheet HTML 46Page - Texas Instruments TMP442 Datasheet HTML 47Page - Texas Instruments TMP442 Datasheet HTML 48Page - Texas Instruments TMP442 Datasheet HTML 49Page - Texas Instruments TMP442 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
8.34 Chip_ID Register (Address = FDh) [reset = 21h]
This register contains the Chip ID for identifying the device.
Return to Register Map.
Figure 8-34. Chip_ID Register
7
6
5
4
3
2
1
0
Chip_ID[7:0]
R-21h
Table 8-37. Chip_ID Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
Chip_ID[7:0]
R
21h
Chip ID of the device.
8.35 Vendor_ID Register (Address = FEh) [reset = 60h]
This register contains the Vendor ID for identifying the device.
Return to Register Map.
Figure 8-35. Vendor_ID Register
7
6
5
4
3
2
1
0
Vendor_ID[7:0]
R-60h
Table 8-38. Vendor_ID Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
Vendor_ID[7:0]
R
60h
Vendor ID of the device.
8.36 Device_Rev_ID Register (Address = FFh) [reset = A0h]
This register contains the Device and Revision ID for identifying the device.
Return to Register Map.
Figure 8-36. Device_Rev_ID Register
7
6
5
4
3
2
1
0
Device_ID[3:0]
Rev_ID[3:0]
R-xh
R-0h
Table 8-39. Device_Rev_ID Register Field Descriptions
Bit
Field
Type
Reset
Description
7:4
Device_ID[3:0]
R
Ah
Device ID of the device.
3:0
Rev_ID[3:0]
R
0h
Revision ID of the device.
TMP4719
SBOSAJ7 – OCTOBER 2025
www.ti.com
46
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com