Electronic Components Datasheet Search
  English  ▼

X  

AD3530 Datasheet(PDF) 33 Page - Analog Devices

Part # AD3530
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD3530 Datasheet HTML 29Page - Analog Devices AD3530 Datasheet HTML 30Page - Analog Devices AD3530 Datasheet HTML 31Page - Analog Devices AD3530 Datasheet HTML 32Page - Analog Devices AD3530 Datasheet HTML 33Page - Analog Devices AD3530 Datasheet HTML 34Page - Analog Devices AD3530 Datasheet HTML 35Page - Analog Devices AD3530 Datasheet HTML 36Page - Analog Devices AD3530 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
Data Sheet
AD3530/AD3530R
REGISTERS SUMMARY
analog.com
Rev. A | 33 of 49
Table 10. AD3530/AD3530R Register Summary (Continued)
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0xE71
MULTI_INPUT_C
H
[15:8]
MULTI_INPUT_VAL[15:8]
0x0000
R/W
[7:0]
MULTI_INPUT_VAL[7:0]
0xE8
MULTI_INPUT_S
EL_0
[7:0]
MI_SEL_CH
_7
MI_SEL_CH
_6
MI_SEL_CH
_5
MI_SEL_CH
_4
MI_SEL_CH
_3
MI_SEL_CH
_2
MI_SEL_CH
_1
MI_SEL_CH
_0
0xFF
R/W
0xE9
SW_LDAC_TRIG
_0
[7:0]
SLD_TRIG_
0
RESERVED
0x00
R/W
0xEB
to
0xF9
by 21
INPUT_CHn
[15:8]
INPUT_VAL[15:8]
0x0000
R/W
[7:0]
INPUT_VAL[7:0]
1 See the Multibyte Registers section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com