Electronic Components Datasheet Search
  English  ▼

X  

AD3530 Datasheet(PDF) 14 Page - Analog Devices

Part # AD3530
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD3530 Datasheet HTML 10Page - Analog Devices AD3530 Datasheet HTML 11Page - Analog Devices AD3530 Datasheet HTML 12Page - Analog Devices AD3530 Datasheet HTML 13Page - Analog Devices AD3530 Datasheet HTML 14Page - Analog Devices AD3530 Datasheet HTML 15Page - Analog Devices AD3530 Datasheet HTML 16Page - Analog Devices AD3530 Datasheet HTML 17Page - Analog Devices AD3530 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
Data Sheet
AD3530/AD3530R
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 14 of 49
Figure 19. Offset Error and Zero-Code Error vs. Supply Voltage
Figure 20. Supply Current (IDD) Histogram with Internal Reference
Figure 21. Headroom and Footroom (ΔVOUT) vs. Load Current
Figure 22. Source and Sink Capability at VDD = 5V
Figure 23. Source and Sink Capability at VDD = 3.3V
Figure 24. IDD vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com