Electronic Components Datasheet Search
  English  ▼

X  

AD3530 Datasheet(PDF) 45 Page - Analog Devices

Part # AD3530
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530 Datasheet(HTML) 45 Page - Analog Devices

Back Button AD3530 Datasheet HTML 41Page - Analog Devices AD3530 Datasheet HTML 42Page - Analog Devices AD3530 Datasheet HTML 43Page - Analog Devices AD3530 Datasheet HTML 44Page - Analog Devices AD3530 Datasheet HTML 45Page - Analog Devices AD3530 Datasheet HTML 46Page - Analog Devices AD3530 Datasheet HTML 47Page - Analog Devices AD3530 Datasheet HTML 48Page - Analog Devices AD3530 Datasheet HTML 49Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
Data Sheet
AD3530/AD3530R
REGISTER DETAILS
analog.com
Rev. A | 45 of 49
Table 36. Bit Descriptions for MULTI_DAC_SEL_0
Bits
Bit Name
Description
Reset
Access
7
MD_SEL_CH_7
Multiple DAC Select Channel 7. If selected, write operation on MULTI_DAC_CH also writes DAC_CH7 with the
same data. If deselected, write operation on MULTI_DAC_CH will have no effect on DAC_CH7.
0x1
R/W
0: MD Sel 0. Deselect DAC_CH7 for MULTI_DAC_CH operation.
1: MD Sel 1. Select DAC_CH7 for MULTI_DAC_CH operation.
6
MD_SEL_CH_6
Multiple DAC Select Channel 6. If selected, write operation on MULTI_DAC_CH also writes DAC_CH6 with the
same data. If deselected, write operation on MULTI_DAC_CH will have no effect on DAC_CH6.
0x1
R/W
0: MD Sel 0. Deselect DAC_CH6 for MULTI_DAC_CH operation.
1: MD Sel 1. Select DAC_CH6 for MULTI_DAC_CH operation.
5
MD_SEL_CH_5
Multiple DAC Select Channel 5. If selected, write operation on MULTI_DAC_CH also writes DAC_CH5 with the
same data. If deselected, write operation on MULTI_DAC_CH will have no effect on DAC_CH5.
0x1
R/W
0: MD Sel 0. Deselect DAC_CH5 for MULTI_DAC_CH operation.
1: MD Sel 1. Select DAC_CH5 for MULTI_DAC_CH operation.
4
MD_SEL_CH_4
Multiple DAC Select Channel 4. If selected, write operation on MULTI_DAC_CH also writes DAC_CH4 with the
same data. If deselected, write operation on MULTI_DAC_CH will have no effect on DAC_CH4.
0x1
R/W
0: MD Sel 0. Deselect DAC_CH4 for MULTI_DAC_CH operation.
1: MD Sel 1. Select DAC_CH4 for MULTI_DAC_CH operation.
3
MD_SEL_CH_3
Multiple DAC Select Channel 3. If selected, write operation on MULTI_DAC_CH also writes DAC_CH3 with the
same data. If deselected, write operation on MULTI_DAC_CH will have no effect on DAC_CH3.
0x1
R/W
0: MD Sel 0. Deselect DAC_CH3 for MULTI_DAC_CH operation.
1: MD Sel 1. Select DAC_CH3 for MULTI_DAC_CH operation.
2
MD_SEL_CH_2
Multiple DAC Select Channel 2. If selected, write operation on MULTI_DAC_CH also writes DAC_CH2 with the
same data. If deselected, write operation on MULTI_DAC_CH will have no effect on DAC_CH2.
0x1
R/W
0: MD Sel 0. Deselect DAC_CH2 for MULTI_DAC_CH operation.
1: MD Sel 1. Select DAC_CH2 for MULTI_DAC_CH operation.
1
MD_SEL_CH_1
Multiple DAC Select Channel 1. If selected, write operation on MULTI_DAC_CH also writes DAC_CH1 with the
same data. If deselected, write operation on MULTI_DAC_CH will have no effect on DAC_CH1.
0x1
R/W
0: MD Sel 0. Deselect DAC_CH1 for MULTI_DAC_CH operation.
1: MD Sel 1. Select DAC_CH1 for MULTI_DAC_CH operation.
0
MD_SEL_CH_0
Multiple DAC Select Channel 0. If selected, write operation on MULTI_DAC_CH also writes DAC_CH0 with the
same data. If deselected, write operation on MULTI_DAC_CH will have no effect on DAC_CH0.
0x1
R/W
0: MD Sel 0. Deselect DAC_CH0 for MULTI_DAC_CH operation.
1: MD Sel 1. Select DAC_CH0 for MULTI_DAC_CH operation.
SOFTWARE LDAC TRIGGER 0 REGISTER
Address: 0xE5, Reset: 0x00, Name: SW_LDAC_TRIG_0
Initiates transfer of INPUT_CHn to DAC_CHn. Only takes effect on enabled channels identified by SW_LDAC_EN_0.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] SLD_TRIG_0 (W)
[6:0] RESERVED
Table 37. Bit Descriptions for SW_LDAC_TRIG_0
Bits
Bit Name
Description
Reset
Access
7
SLD_TRIG_0
Software LDAC Trigger 0. When set, initiates transfer of INPUT_CHn to DAC_CHn, where n is the channel
number as enabled by SW_LDAC_EN_0. Writing 0 will have no effect.
0x0
W
[6:0]
RESERVED
Reserved.
0x0
R
MULTIPLE INPUT REGISTER
Address: 0xE6, Reset: 0x0000, Name: MULTI_INPUT_CH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com