Electronic Components Datasheet Search
  English  ▼

X  

AD3530 Datasheet(PDF) 22 Page - Analog Devices

Part # AD3530
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD3530 Datasheet HTML 18Page - Analog Devices AD3530 Datasheet HTML 19Page - Analog Devices AD3530 Datasheet HTML 20Page - Analog Devices AD3530 Datasheet HTML 21Page - Analog Devices AD3530 Datasheet HTML 22Page - Analog Devices AD3530 Datasheet HTML 23Page - Analog Devices AD3530 Datasheet HTML 24Page - Analog Devices AD3530 Datasheet HTML 25Page - Analog Devices AD3530 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
Data Sheet
AD3530/AD3530R
TERMINOLOGY
analog.com
Rev. A | 22 of 49
Relative Accuracy or Integral Nonlinearity (INL)
For the DAC, relative accuracy or integral nonlinearity is a meas-
urement of the maximum deviation, in LSBs, from a straight line
passing through the endpoints of the DAC transfer function.
Differential Nonlinearity (DNL)
Differential nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes.
Offset Error
Offset error is a measure of the difference between VOUT (actual)
and VOUT (ideal) expressed in mV in the linear region of the transfer
function. Offset error is measured with Code 256 loaded in the DAC
register. It can be negative or positive.
Offset Error Drift
The offset error drift is a measurement of the relative variation of
the offset with temperature. It is expressed in ppm/°C. Total offset at
a given temperature is calculated as
Deviation
 at T=Deviation at 25°C
+TC×T−25×VRANGE
106
Full-Scale and Zero-Scale Error
These errors measure the deviation from the ideal value at full
scale and zero scale, at 25°C. The error is expressed as % of
full-scale range (FSR).
Full-Scale and Zero-Scale Error Drift
These parameters measure the variation of the zero-scale and
full-scale voltage as a function of the temperature, relative to the
ideal zero-scale and full-scale voltages. They are expressed in
ppm/°C. The total deviation over temperature is calculated using
the same equation as offset error drift.
DC PSRR and AC PSRR
PSRR indicates how the output of the DAC is affected by changes
in the supply voltage. PSRR is the ratio of the change in VOUT to
a change in the supplies for midscale output of the DAC. For DC
PSRR, it is measured in mV/V and VDD is varied by ±10%. While
for AC PSRR, it is measured in dB and a ±200mV p-p AC sweep
signal is injected on VDD.
Output Voltage Settling Time
Output voltage settling time is the amount of time it takes for the
output of a DAC to settle to a specified level for a given step
change.
Digital-to-Analog Glitch Impulse
Digital-to-analog glitch impulse is the impulse injected into the
analog output when the input code in the DAC register changes
state. It is normally specified as the area of the glitch in nV × sec
and is measured when the digital input code is changed by 1 LSB.
Digital Feedthrough
Digital feedthrough is a measure of the impulse injected into the
analog output of the DAC from the digital inputs of the DAC, but it is
measured when the DAC output is not updated. Digital feedthrough
is specified in nV × sec and measured with a full-scale code change
on the data bus, which means from all 0s to all 1s and vice versa.
Output Noise Spectral Density
Noise spectral density is a measurement of the internally generated
random noise. Noise is measured at the DAC output when it is
loaded with the midscale code and center frequency set to 10kHz. It
is measured in nV/
Hz.
Total Harmonic Distortion (THD)
THD is the difference between an ideal sine wave and the attenuat-
ed version using the DAC. The sine wave is used as the reference
for the DAC, and the THD is a measurement of the harmonics
present on the DAC output. It is measured in dB.
Voltage Reference Temperature Coefficient
(TC)
Voltage reference TC is a measure of the change in the reference
output voltage with a change in temperature. The reference TC
is calculated using the box method, which defines the TC as the
maximum change in the reference output over a given temperature
range expressed in ppm/°C, as shown in the following equation:
TC= VREF_MAX−VREF_MIN
VREF_NOM×TEMP_RANGE
×106
(1)
where:
VREF_MAX is the maximum reference output measured over the total
temperature range.
VREF_MIN is the minimum reference output measured over the total
temperature range.
VREF_NOM is the nominal reference output voltage, 2.5V.
TEMP_RANGE is the specified temperature range, −40°C to
+125°C.
DC Crosstalk
DC crosstalk is the DC change in the output level of one DAC in
response to a change in the output of another DAC. It is measured
with a full-scale output change on one DAC (or soft power-down
and power-up) while monitoring another DAC kept at midscale. It
is expressed in μV. DC crosstalk due to load current change is a
measure of the impact that a change in load current on one DAC
has to another DAC kept at midscale. It is expressed in μV/mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com