Electronic Components Datasheet Search
  English  ▼

X  

AD3530 Datasheet(PDF) 48 Page - Analog Devices

Part # AD3530
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD3530 Datasheet HTML 41Page - Analog Devices AD3530 Datasheet HTML 42Page - Analog Devices AD3530 Datasheet HTML 43Page - Analog Devices AD3530 Datasheet HTML 44Page - Analog Devices AD3530 Datasheet HTML 45Page - Analog Devices AD3530 Datasheet HTML 46Page - Analog Devices AD3530 Datasheet HTML 47Page - Analog Devices AD3530 Datasheet HTML 48Page - Analog Devices AD3530 Datasheet HTML 49Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 48 / 49 page
background image
Data Sheet
AD3530/AD3530R
OUTLINE DIMENSIONS
analog.com
Rev. A | 48 of 49
BALL A1
IDENTIFIER
SEATING
PLANE
0.530
0.500
0.470
2.163
2.143
2.123
2.213
2.193
2.173
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
SIDE VIEW
A
B
C
D
E
1
2
3
4
5
0.220
0.200
0.180
0.320
0.300
0.280
0.290
Ø
0.270
0.250
1.60 REF
SQ
COPLANARITY
0.04
0.40
BSC
0.297
REF
0.272
REF
Figure 81. 25-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-25-11)
Dimensions shown in millimeters
Figure 82. 20-Lead Lead Frame Chip Scale Package [LFCSP]
3 x 3 mm Body and 0.85 mm Package Height
(CP-20-23)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
AD3530RBCBZ-RL7
−40°C to +125°C
25-Ball WLCSP (2.143mm ×
2.193mm × 0.500mm)
Reel, 1500
CB-25-11
AD3530BCBZ-RL7
−40°C to +125°C
25-Ball WLCSP (2.143mm ×
2.193mm × 0.500mm)
Reel, 1500
CB-25-11
AD3530RBCPZ-RL7
−40°C to +125°C
20-Lead LFCSP (3 mm × 3 mm
× 0.75 mm)
Reel, 1500
CP-20-23
AD3530BCPZ-RL7
−40°C to +125°C
20-Lead LFCSP (3 mm × 3 mm
× 0.75 mm)
Reel, 1500
CP-20-23
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com