Electronic Components Datasheet Search
  English  ▼

X  

AD3530 Datasheet(PDF) 1 Page - Analog Devices

Part # AD3530
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530 Datasheet(HTML) 1 Page - Analog Devices

  AD3530 Datasheet HTML 1Page - Analog Devices AD3530 Datasheet HTML 2Page - Analog Devices AD3530 Datasheet HTML 3Page - Analog Devices AD3530 Datasheet HTML 4Page - Analog Devices AD3530 Datasheet HTML 5Page - Analog Devices AD3530 Datasheet HTML 6Page - Analog Devices AD3530 Datasheet HTML 7Page - Analog Devices AD3530 Datasheet HTML 8Page - Analog Devices AD3530 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Data Sheet
AD3530/AD3530R
8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog Devices
for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change
without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered
trademarks are the property of their respective owners. All Analog Devices products contained herein are subject to release and availability.
FEATURES
►
16-bit resolution, ±3 LSB16 INL, ±1 LSB16 DNL
►
TUE: ±0.22% of FSR maximum
►
Offset error: ±1.6mV maximum
►
Gain error: ±0.26% of FSR maximum
►
Guaranteed sourcing current of 50mA
►
Ultra-low headroom: 25mV at 20mA load
►
2.5V internal voltage reference, 5ppm/°C, typical
►
62nV/√Hz noise spectral density (external reference)
►
115nV/√Hz noise spectral density (internal reference)
►
Output voltage, current, and die temperature monitors
►
50MHz SPI write and read
►
2.7V to 5.5V power supply range
►
1.2V or 1.8V compatible digital interface
►
Operating temperature range: −40°C to +125°C
►
Small package: 2.1mm × 2.2mm, 25-ball WLCSP or 3mm ×
3mm, 20-lead LFCSP
APPLICATIONS
►
Optical transceivers
►
Test and measurement
►
Industrial automation
►
Data acquisition systems
GENERAL DESCRIPTION
The AD3530/AD3530R are low power, 8-channel, 16-bit, buffered
voltage output, digital-to-analog converters (DACs) that include
software-programmable gain controls that result in full-scale output
spans of 2.5V or 5V for reference voltages of 2.5V. The devices op-
erate from single, 2.7V to 5.5V supply ranges and are guaranteed
monotonic by design. The AD3530R also offers a 2.5V, 5ppm/°C
internal reference that is disabled by default.
The devices include integrated multiplexers that allow monitor-
ing of output voltages, currents, and internal die temperature.
The AD3530/AD3530R are available in 2.1mm × 2.2mm, 25-ball
WLCSP or 3mm × 3mm, 20-lead LFCSP packages. The devices
incorporate power-on reset (POR) circuits that ensure that the
DACs output power up to and present at 32kΩ to ground until a
valid write is executed. The DACs also contain power-down modes
that reduce the current consumption down to 670μA, typical.
The serial peripheral interface (SPI) and MICROWIRE®-compatible,
4-wire serial interface operates on logic levels as low as 1.08V up
to 1.98V and clock rates up to 50MHz.
Table 1. Device Family List
Channel Count
Interface
Reference
16-Bit
8
SPI
Internal/External
AD3530R
8
SPI
External
AD3530
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - AD3530

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD3530 AD-AD3530 Datasheet
2Mb / 45P
8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
Rev. 0
AD3530BCBZ-RL7 AD-AD3530BCBZ-RL7 Datasheet
2Mb / 45P
8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
Rev. 0
logo
Vanlong Technology Co.,...
AD3530F60FCA VANLONG-AD3530F60FCA Datasheet
48Kb / 1P
Small and light size
logo
Analog Devices
AD3530R AD-AD3530R Datasheet
2Mb / 45P
8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
Rev. 0
AD3530RBCBZ-RL7 AD-AD3530RBCBZ-RL7 Datasheet
2Mb / 45P
8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
Rev. 0
More results

Similar Description - AD3530

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5650 MAXIM-MAX5650 Datasheet
283Kb / 14P
16-Bit, Parallel-Input Voltage-Output DACs with Internal Reference
Rev 0; 2/06
logo
Analog Devices
AD5668BRUZ-2 AD-AD5668BRUZ-2 Datasheet
1Mb / 32P
Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
logo
Texas Instruments
DAC80504 TI1-DAC80504_17 Datasheet
2Mb / 48P
Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC81408 TI1-DAC81408 Datasheet
501Kb / 42P
8-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC80504 TI1-DAC80504_18 Datasheet
2Mb / 48P
Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC81408 TI1-DAC81408_18 Datasheet
2Mb / 55P
8-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC80504 TI1-DAC80504_19 Datasheet
1Mb / 49P
Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
logo
Maxim Integrated Produc...
MAX5703 MAXIM-MAX5703 Datasheet
3Mb / 26P
Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and SPI Interface
19-6463; Rev 3; 11/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com