Electronic Components Datasheet Search
  English  ▼

X  

RT7296F Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT7296F
Description  3A, 17V Current Mode Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7296F Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT7296F Datasheet HTML 1Page - Richtek Technology Corporation RT7296F Datasheet HTML 2Page - Richtek Technology Corporation RT7296F Datasheet HTML 3Page - Richtek Technology Corporation RT7296F Datasheet HTML 4Page - Richtek Technology Corporation RT7296F Datasheet HTML 5Page - Richtek Technology Corporation RT7296F Datasheet HTML 6Page - Richtek Technology Corporation RT7296F Datasheet HTML 7Page - Richtek Technology Corporation RT7296F Datasheet HTML 8Page - Richtek Technology Corporation RT7296F Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
RT7296F
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7296F-06
September
2023
www.richtek.com
3
Functional Block Diagram
EN/SYNC
+
-
UV
Comparator
Oscillator
0.4V
Internal
Regulator
Shutdown
Comparator
BOOT
VIN
GND
SW
FB
HS Switch
Current
Comparator
+
-
EA
0.807V
Power
Stage &
Deadtime
Control
+
-
1.4V
+
Slope
Compensation
LS Switch
Current
Comparator
UVLO
Logic &
Protection
Control
BOOT
UVLO
Current
Sense
Current
Sense
PVCC
Internal SS
PG
50pF
1pF
400k
Operation
Power Saving Mode
The RT7296F automatically enters into power saving
mode (PSM) at light load to improve efficiency. In PSM,
the RT7296F disable the internal CLK when VFB is
above the VREF x 1.005 (typ.). In other words, the
device automatically skip the PWM pulse at light load.
While VFB falls below the VREF x 1.005, the RT7296F
enables the internal CLK again and hence the new
switching cycle is activated. When the internal switches
are activated, for each cycle the device detects the
peak inductor current (IL_PEAK) and keeps high-side
switch on until the IL reaches its minimum peak current
level (as shown in Figure 1). When low-side switch is
turn-on, the zero-current detection is also activated to
prevent that IL becomes negative and enables the
higher efficiency at light load. During the period that
both switches are off, the device turns off the most of
the internal circuit to reduce the quiescent power
consumption further.
With lower output loading, the non-switching period is
longer, so the effective switching frequency becomes
lower to reduce the switching loss and switch driving
loss.
IL
SW
MPC
Figure 1. Minimum Peak Current at PSM
Power Good Indication
The RT7296F features an open-drain power-good
output (PG) to monitor the output voltage status.
Connect PG to PVCC or an external voltage below
5.5V with a resistor. The power-good function is
activated after soft-start is finished and is controlled by
a comparator connected to the feedback signal VFB. If
VFB rises above a power-good high threshold (PGvth_Hi,
typically 90% of the reference voltage), the PG pin will
be in high impedance and VPG will be held high after a
certain delay elapsed (typically, 400
s). When VFB fall
short of power good low threshold (PGvth_Lo, typically
85% of the reference voltage), the PG pin will be pulled
low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com