Electronic Components Datasheet Search
  English  ▼

X  

RT7296F Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT7296F
Description  3A, 17V Current Mode Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7296F Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT7296F Datasheet HTML 1Page - Richtek Technology Corporation RT7296F Datasheet HTML 2Page - Richtek Technology Corporation RT7296F Datasheet HTML 3Page - Richtek Technology Corporation RT7296F Datasheet HTML 4Page - Richtek Technology Corporation RT7296F Datasheet HTML 5Page - Richtek Technology Corporation RT7296F Datasheet HTML 6Page - Richtek Technology Corporation RT7296F Datasheet HTML 7Page - Richtek Technology Corporation RT7296F Datasheet HTML 8Page - Richtek Technology Corporation RT7296F Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
RT7296F
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7296F-06
September
2023
www.richtek.com
5
Over-Temperature Protection
Over-temperature protection is implemented to prevent
the
chip
from
operating
at
excessively
high
temperatures. When the junction temperature is higher
than 150
C, the OTP will shut down switching
operation. The chip will automatically resume normal
operation with a complete soft-start sequence once the
junction temperature cools down by approximately
20
C.
BOOT UVLO
The RT7296F implements BOOT UVLO function to
ensure the VBOOT-SW is sufficient to correctly activate
the high side switch at any condition. BOOT UVLO
usually actives at higher VOUT, very light load and small
TTH threshold. With such conditions, the low side
switch may not have sufficient turn-on time to charge
the BOOT capacitor. The BOOT UVLO actives when
VBOOT-SW is lower than 2.65V (typ.), the device will be
forced to turn on the low side switch for 200ns (typ.) to
charge the BOOT
capacitor. The BOOT
UVLO
behavior continues for each PWM cycle until the
VBOOT-SW is higher than 2.9V (typ.)
VOUT
Abnormal case
detected (UV)
SW
0.5ms
1.8ms
Figure 2. Output Undervoltage Protection with Hiccup Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com