Electronic Components Datasheet Search
  English  ▼

X  

RT7296F Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT7296F
Description  3A, 17V Current Mode Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7296F Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT7296F Datasheet HTML 5Page - Richtek Technology Corporation RT7296F Datasheet HTML 6Page - Richtek Technology Corporation RT7296F Datasheet HTML 7Page - Richtek Technology Corporation RT7296F Datasheet HTML 8Page - Richtek Technology Corporation RT7296F Datasheet HTML 9Page - Richtek Technology Corporation RT7296F Datasheet HTML 10Page - Richtek Technology Corporation RT7296F Datasheet HTML 11Page - Richtek Technology Corporation RT7296F Datasheet HTML 12Page - Richtek Technology Corporation RT7296F Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
RT7296F
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7296F-06
September
2023
www.richtek.com
9
Typical Operating Characteristics
Efficiency vs. Output Current
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
Output Current (A)
VIN = 4.5V
VIN = 12V
VIN = 17V
VOUT = 1V
Efficiency vs. Output Current
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
Output Current (A)
VOUT = 3.3V
VIN = 5V
VIN = 12V
VIN = 17V
Efficiency vs. Output Current
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
Output Current (A)
VIN = 7V
VIN = 12V
VIN = 17V
VOUT = 5V
Output Voltage vs. Input Voltage
3.14
3.18
3.22
3.26
3.30
3.34
3.38
3.42
3.46
4
5
6
7
8
9
10 11 12 13 14 15 16 17
Input Voltage (V)
IOUT = 3A
Reference Voltage vs. Temperature
0.76
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0.84
-50
-25
0
25
50
75
100
125
Temperature (°C)
IOUT = 1A
Output Voltage vs. Output Current
3.14
3.18
3.22
3.26
3.30
3.34
3.38
3.42
3.46
0
0.5
1
1.5
2
2.5
3
Output Current (A)
VIN = 12V, VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com