Electronic Components Datasheet Search
  English  ▼

X  

RT7296F Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT7296F
Description  3A, 17V Current Mode Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7296F Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT7296F Datasheet HTML 2Page - Richtek Technology Corporation RT7296F Datasheet HTML 3Page - Richtek Technology Corporation RT7296F Datasheet HTML 4Page - Richtek Technology Corporation RT7296F Datasheet HTML 5Page - Richtek Technology Corporation RT7296F Datasheet HTML 6Page - Richtek Technology Corporation RT7296F Datasheet HTML 7Page - Richtek Technology Corporation RT7296F Datasheet HTML 8Page - Richtek Technology Corporation RT7296F Datasheet HTML 9Page - Richtek Technology Corporation RT7296F Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
RT7296F
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS7296F-06
September
2023
6
Absolute Maximum Ratings
(Note 1)
⚫
Supply Input Voltage, VIN
--------------------------------------------------------------------------------------- −0.3V to 20V
⚫
Switch Voltage, SW
------------------------------------------------------------------------------------------------ −0.3V to 20.3V
<10
s-------------------------------------------------------------------------------------------------------------------- −1V to 20.3V
<100ns
------------------------------------------------------------------------------------------------------------------ −5V to 25V
⚫
BOOT to SW, VBOOT – SW
--------------------------------------------------------------------------------------- −0.3V to 6V (7V for < 10s)
⚫
Bias Supply Output, PVCC
------------------------------------------------------------------------------------- −0.3V to 6V (7V for < 10s)
⚫
Other Pins
------------------------------------------------------------------------------------------------------------- −0.3V to 6V
⚫
Power Dissipation, PD @ TA = 25
C
TSOT-23-8 (FC)
---------------------------------------------------------------------------------------------------- 1.428W
⚫
Package Thermal Resistance
(Note 2)
TSOT-23-8 (FC),
JA---------------------------------------------------------------------------------------------- 70C/W
TSOT-23-8 (FC),
JC --------------------------------------------------------------------------------------------- 15C/W
⚫
Lead Temperature (Soldering, 10 sec.)
-------------------------------------------------------------------- 260C
⚫
Junction Temperature
--------------------------------------------------------------------------------------------- −40C to 150C
⚫
Storage Temperature Range
----------------------------------------------------------------------------------- −65C to 150C
⚫
ESD Susceptibility
(Note 3)
HBM (Human Body Model)
------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 4)
⚫
Supply Input Voltage, VIN ----------------------------------------------------------------------------- 4.5V to 17V
⚫
Junction Temperature Range
---------------------------------------------------------------------------------- −40C to 125C
⚫
Ambient Temperature Range
---------------------------------------------------------------------------------- −40C to 85C
Electrical Characteristics
(VIN = 12V, TA = 25C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Shutdown Supply Current
VEN = 0V
--
7
--
A
Quiescent Current with no Load
at DCDC Output
VEN = 2V, VFB = 1V
--
0.8
1
mA
Feedback Voltage
VFB
0.799
0.807
0.815
V
Feedback Current
IFB
VFB = 820mV
--
10
50
nA
Switch
On-Resistance
High-Side
RDS(ON)H
--
80
--
m
Low-Side
RDS(ON)L
--
30
--
Switch Leakage
VEN = 0V, VSW = 0V
--
--
1
A
Current Limit
ILIM
Under 40% duty-cycle
4.2
5
5.8
A
Low-Side Switch Current Limit
From drain to source
--
2
--
A
Oscillation Frequency
fOSC
VFB = 0.75V
440
500
570
kHz
SYNC Frequency Range
fSYNC
200
--
2000
kHz
Fold-Back Frequency
VFB < 400mV
--
125
--
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com