Electronic Components Datasheet Search
  English  ▼

X  

RT7296F Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT7296F
Description  3A, 17V Current Mode Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7296F Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT7296F Datasheet HTML 8Page - Richtek Technology Corporation RT7296F Datasheet HTML 9Page - Richtek Technology Corporation RT7296F Datasheet HTML 10Page - Richtek Technology Corporation RT7296F Datasheet HTML 11Page - Richtek Technology Corporation RT7296F Datasheet HTML 12Page - Richtek Technology Corporation RT7296F Datasheet HTML 13Page - Richtek Technology Corporation RT7296F Datasheet HTML 14Page - Richtek Technology Corporation RT7296F Datasheet HTML 15Page - Richtek Technology Corporation RT7296F Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
RT7296F
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS7296F-06
September
2023
14
Figure 5. Derating Curve of Maximum Power
Dissipation
Layout Considerations
For best performance of the RT7296F, the following
layout guidelines must be strictly followed.
Input capacitor must be placed as close to the IC as
possible.
SW should be connected to inductor by wide and
short trace. Keep sensitive components away from
this trace.
Keep VIN, GND and SW traces connected to pin as
wide as possible for improving thermal dissipation.
SW
VOUT
R1
R2
CIN
CIN COUT
COUT
Via can help to reduce
power trace and improve
thermal dissipation.
The feedback components
must be connected as close
to the device as possible.
VOUT
GND
PG
SW
FB
EN/SYNC
BOOT
VIN
PVCC
GND
Css
Input capacitor must be placed as close
to the IC as possible. Suggestion layout
trace wider for thermal.
PVCC
R5
Keep the SW trace as physically short and wide as
practical to minimize radiated emissions and enables
better thermal
Figure 6. PCB Layout Guide
0.0
0.3
0.6
0.9
1.2
1.5
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com