Electronic Components Datasheet Search
  English  ▼

X  

RT7296F Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT7296F
Description  3A, 17V Current Mode Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7296F Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT7296F Datasheet HTML 6Page - Richtek Technology Corporation RT7296F Datasheet HTML 7Page - Richtek Technology Corporation RT7296F Datasheet HTML 8Page - Richtek Technology Corporation RT7296F Datasheet HTML 9Page - Richtek Technology Corporation RT7296F Datasheet HTML 10Page - Richtek Technology Corporation RT7296F Datasheet HTML 11Page - Richtek Technology Corporation RT7296F Datasheet HTML 12Page - Richtek Technology Corporation RT7296F Datasheet HTML 13Page - Richtek Technology Corporation RT7296F Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
RT7296F
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS7296F-06
September
2023
10
UVLO Voltage vs. Temperature
3.00
3.20
3.40
3.60
3.80
4.00
4.20
4.40
-50
-25
0
25
50
75
100
125
Temperature (°C)
VOUT = 3.3V, IOUT = 0A
Falling
Rising
EN Threshold vs. Temperature
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
-50
-25
0
25
50
75
100
125
Temperature (°C)
VOUT = 3.3V, IOUT = 0A
Falling
Rising
VIN = 12V, VOUT = 3.3V,
IOUT = 1.5A to 3A to 1.5A, L = 4.7H
VOUT
(50mV/Div)
IOUT
(1A/Div)
Time (200
s/Div)
Load Transient Response
VIN = 12V, VOUT = 3.3V, IOUT = 3A, L = 4.7H
Output Ripple Voltage
Time (1
s/Div)
VOUT
(20mV/Div)
VSW
(5V/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 3A
Power On from EN
Time (2ms/Div)
VOUT
(2V/Div)
VEN
(2V/Div)
VSW
(10V/Div)
IL
(3A/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 3A
Power Off from EN
Time (2ms/Div)
VOUT
(2V/Div)
VEN
(2V/Div)
VSW
(10V/Div)
IL
(3A/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com