Electronic Components Datasheet Search
  English  ▼

X  

RT7296F Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT7296F
Description  3A, 17V Current Mode Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7296F Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT7296F Datasheet HTML 4Page - Richtek Technology Corporation RT7296F Datasheet HTML 5Page - Richtek Technology Corporation RT7296F Datasheet HTML 6Page - Richtek Technology Corporation RT7296F Datasheet HTML 7Page - Richtek Technology Corporation RT7296F Datasheet HTML 8Page - Richtek Technology Corporation RT7296F Datasheet HTML 9Page - Richtek Technology Corporation RT7296F Datasheet HTML 10Page - Richtek Technology Corporation RT7296F Datasheet HTML 11Page - Richtek Technology Corporation RT7296F Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
RT7296F
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS7296F-06
September
2023
8
Typical Application Circuit
VIN
EN/SYNC
GND
BOOT
FB
SW
VOUT
VIN
4.5V to 17V
RT7296F
Enable
R5
16k
R1
40.2k
R2
13k
PVCC
PG
C3
0.1
μF
C4
44
μF
C1
22
μF
C2
0.1
μF
L1
4.7
μH
R6
10
2
1
3
4
5
6
7
8
R3
100k
Cff
15pF
Table 1. Suggested Component Values
VOUT (V)
R1 (k
)
R2 (k
)
R5 (k
)
Cff (pF)
C2 (
F)
C4 (
F)
L1 (
H)
1.0
20.5
84.5
82
15
0.1
44
2.2
3.3
40.2
13
16
15
0.1
44
4.7
5.0
40.2
7.68
16
15
0.1
44
4.7
Note: Where the C4 value means the effective output capacitance. Design engineer must be aware that ceramic
capacitance varies a great deal with the size, operating voltage and temperature. The variation should be taken into
the design consideration of control loop bandwidth. A rule-of-the-thumb is to design the RT7296F control loop
bandwidth below 60kHz by changing the value of R5. Generally, increase the value of R5 if a de-rated capacitance
is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com