Electronic Components Datasheet Search
  English  ▼

X  

TMP451 Datasheet(PDF) 15 Page - Texas Instruments

Part # TMP451
Description  TMP451 ±1°C Remote and Local Temperature Sensor With η-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP451 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMP451 Datasheet HTML 11Page - Texas Instruments TMP451 Datasheet HTML 12Page - Texas Instruments TMP451 Datasheet HTML 13Page - Texas Instruments TMP451 Datasheet HTML 14Page - Texas Instruments TMP451 Datasheet HTML 15Page - Texas Instruments TMP451 Datasheet HTML 16Page - Texas Instruments TMP451 Datasheet HTML 17Page - Texas Instruments TMP451 Datasheet HTML 18Page - Texas Instruments TMP451 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
TMP451
www.ti.com
SBOS686A – JUNE 2013 – REVISED DECEMBER 2014
Programming (continued)
7.5.1.5 Time-out Function
If the SMBus time-out function is enabled, the TMP451 device resets the serial interface if either SCL or SDA are
held low for 25 ms (typical) between a START and STOP condition. If the TMP451 device is holding the bus low,
the device releases the bus and waits for a START condition. To avoid activating the time-out function,
maintaining a communication speed of at least 1 kHz for the SCL operating frequency is necessary. The SMBTO
bit (bit 7) of the consecutive ALERT register controls the time-out enable. Setting the SMBTO bit to a value of 0
(default) disables the time-out. Setting the SMBTO bit to a value of 1 enables the function.
7.5.1.6 High-speed Mode
For the two-wire bus to operate at frequencies above 1 MHz, the master device must issue a high-speed mode
(Hs-mode) master code (0000 1xxx) as the first byte after a START condition to switch the bus to high-speed
operation. The TMP451 device does not acknowledge this byte, but switches the input filters on SDA and SCL
and the output filter on SDA to operate in Hs-mode, allowing transfers at up to 2.5 MHz. After the Hs-mode
master code has been issued, the master transmits a two-wire slave address to initiate a data transfer operation.
The bus continues to operate in Hs-mode until a STOP condition occurs on the bus. Upon receiving the STOP
condition, the TMP451 device switches the input and output filters back to fast mode operation.
7.5.1.7 General Call Reset
The TMP451 device supports reset using the two-wire general call address 00h (0000 0000b). The TMP451
device acknowledges the general call address and responds to the second byte. If the second byte is 06h (0000
0110b), the TMP451 device executes a software reset. This software reset restores the power-on reset state to
all TMP451 registers, and it aborts any conversion in progress. The TMP451 device takes no action in response
to other values in the second byte.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TMP451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com