Electronic Components Datasheet Search
  English  ▼

X  

TMP451 Datasheet(PDF) 20 Page - Texas Instruments

Part # TMP451
Description  TMP451 ±1°C Remote and Local Temperature Sensor With η-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP451 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP451 Datasheet HTML 16Page - Texas Instruments TMP451 Datasheet HTML 17Page - Texas Instruments TMP451 Datasheet HTML 18Page - Texas Instruments TMP451 Datasheet HTML 19Page - Texas Instruments TMP451 Datasheet HTML 20Page - Texas Instruments TMP451 Datasheet HTML 21Page - Texas Instruments TMP451 Datasheet HTML 22Page - Texas Instruments TMP451 Datasheet HTML 23Page - Texas Instruments TMP451 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
TMP451
SBOS686A – JUNE 2013 – REVISED DECEMBER 2014
www.ti.com
caused the setting of the flags is not present anymore (that is, the value of the corresponding result register is
within the limits, or the remote sensor is connected properly and functional). The ALERT interrupt latch (and the
ALERT pin correspondingly) is not reset by reading the status register. The reset is done by the master reading
the temperature sensor device address to service the interrupt, and only if the flags have been reset and the
condition that caused them to be set is not present.
The RTHRM and LTHRM flags are set when the corresponding temperature exceeds the programmed THERM
limit. They are reset automatically when the temperature returns to within the limits. The THERM output goes low
in the case of overtemperature on either the local or the remote channel, and goes high as soon as the
measurements are within the limits again. The THERM hysteresis register (21h) allows hysteresis to be added so
that the flag resets and the output goes high when the temperature returns to or goes below the limit value minus
the hysteresis value.
When pin 6 is configured as THERM2, only the high limits matter. The LHIGH and RHIGH flags are set if the
respective temperatures exceed the limit values, and the pin goes low to indicate the event. The LLOW and
RLOW flags have no effect on THERM2, and the output behaves the same way when configured as THERM.
7.6.1.6 Configuration Register (offset: Read = 03h; Write = 09h) [reset = 00h]
Figure 21. Configuration Register
7
6
5
4
3
2
1
0
MASK1
SD
ALERT/THERM
RESERVED
RANGE
RESERVED
2
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7. Configuration Register Field Descriptions
Bit
Field
Type
Reset
Description
7
MASK1
R/W
0h
This bit masks the ALERT output
1 = ALERT is disabled.
0 = ALERT is enabled.
6
SD
R/W
0h
Device shutdown control
1 = Places the device is in shutdown mode.
0 = Places the device in continuous conversion mode.
5
ALERT/THERM2
R/W
0h
ALERT or THERM2 mode select
1 = THERM2 mode
0 = ALERT mode
2
RANGE
R/W
0h
This bit configures the range of the temperature measurement
1 = –64 °C to 191°C
0 = 0 °C to 127°C
MASK1 of the configuration register masks the ALERT output. If MASK1 is 0 (default), the ALERT output is
enabled. If MASK1 is set to 1, the ALERT output is disabled. This configuration applies only if the value of
ALERT/THERM2 bit is 0 (that is, pin 6 is configured as the ALERT output). If pin 6 is configured as the THERM2
output, the value of the MASK1 bit has no effect.
The shutdown bit, SD, enables or disables the temperature-measurement circuitry. If SD = 0 (default), the
TMP451 device converts continuously at the rate set in the conversion rate register. When SD is set to 1, the
TMP451 device stops converting when the current conversion sequence is complete and enters a shutdown
mode. When SD is set to 0 again, the TMP451 resumes continuous conversions. When SD = 1, a single
conversion can be started by writing to the one-shot start register. See the One-shot Mode section for more
information.
ALERT/THERM2 (bit 5) sets the configuration of pin 6. If the ALERT/THERM2 bit is 0 (default), then pin 6 is
configured as the ALERT output; if it is set to 1, then pin 6 is configured as the THERM2 output.
The temperature range is set by configuring RANGE (bit 2) of the configuration register. Setting this bit low
(default) configures the TMP451 device for the standard measurement range (0°C to 127°C); temperature
conversions are stored in the standard binary format. Setting bit 2 high configures the TMP451 device for the
extended measurement range (–64°C to 191°C); temperature conversions are stored in the extended binary
format (see Table 1).
20
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TMP451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com