Electronic Components Datasheet Search
  English  ▼

X  

TMP451 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMP451
Description  TMP451 ±1°C Remote and Local Temperature Sensor With η-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP451 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMP451 Datasheet HTML 20Page - Texas Instruments TMP451 Datasheet HTML 21Page - Texas Instruments TMP451 Datasheet HTML 22Page - Texas Instruments TMP451 Datasheet HTML 23Page - Texas Instruments TMP451 Datasheet HTML 24Page - Texas Instruments TMP451 Datasheet HTML 25Page - Texas Instruments TMP451 Datasheet HTML 26Page - Texas Instruments TMP451 Datasheet HTML 27Page - Texas Instruments TMP451 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
TMP451
SBOS686A – JUNE 2013 – REVISED DECEMBER 2014
www.ti.com
Figure 30. Remote Temperature Offset Low Byte Register
7
6
5
4
3
2
1
0
RTOS3
RTOS2
RTOS1
RTOS0
RESERVED
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 17. Remote Temperature Offset Low Byte Register Field Descriptions
Bit
Field
Type
Reset
Description
7 - 4
RTOS3 - RTOS0
R/W
0h
Remote temperature offset low byte. The value of this register is
added to the value the ADC conversion with the result stored in
the remote temperature register. This register is used to add or
subtract a temperature offset value to the ADC conversion result
in applications requiring calibration. The resolution of these four
bits is 0.0625°C.
The offset register allows the TMP451 device to store any system offset compensation value that might be
observed from precision calibration. The value in the register is stored in the same format as the temperature
result, and is added to the remote temperature result upon every conversion. Combined with the
η-factor
correction, this function allows for very accurate system calibration over the entire temperature range.
7.6.1.16 Remote Temperature High Limit Low Byte Register (offset: Read = 13h; Write = 13h) [reset =
00h]
Figure 31. Remote Temperature High Limit Low Byte Register
7
6
5
4
3
2
1
0
RTHL3
RTHL2
RTHL1
RTHL0
RESERVED
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 18. Remote Temperature High Limit Low Byte Register Field Descriptions
Bit
Field
Type
Reset
Description
7 - 4
RTHL3 - RTHL0
R/W
0h
These bits determine the value of the low byte of the high
temperature limit to which the remote temperature measurement
is compared. The resolution of the four bits in this register is
0.0625°C.
7.6.1.17 Remote Temperature Low Limit Low Byte Register (offset: Read = 14h; Write = 14h) [reset =
00h]
Figure 32. Remote Temperature Low Limit Low Byte Register
7
6
5
4
3
2
1
0
RTLL3
RTLL2
RTLL1
RTLL0
RESERVED
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 19. Remote Temperature Low Limit Low Byte Register Field Descriptions
Bit
Field
Type
Reset
Description
7 - 4
RTLL3 - RTLL0
R/W
0h
These bits determine the value of the low byte of the low
temperature limit to which the remote temperature measurement
is compared. The resolution of the four bits in this register is
0.0625°C.
24
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TMP451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com