Electronic Components Datasheet Search
  English  ▼

X  

TMP451 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMP451
Description  TMP451 ±1°C Remote and Local Temperature Sensor With η-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP451 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP451 Datasheet HTML 14Page - Texas Instruments TMP451 Datasheet HTML 15Page - Texas Instruments TMP451 Datasheet HTML 16Page - Texas Instruments TMP451 Datasheet HTML 17Page - Texas Instruments TMP451 Datasheet HTML 18Page - Texas Instruments TMP451 Datasheet HTML 19Page - Texas Instruments TMP451 Datasheet HTML 20Page - Texas Instruments TMP451 Datasheet HTML 21Page - Texas Instruments TMP451 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
TMP451
SBOS686A – JUNE 2013 – REVISED DECEMBER 2014
www.ti.com
7.6.1.3 Local Temperature High Byte Register (offset: Read = 00h; Write = N/A) [reset = 00h]
Figure 18. Local Temperature High Byte Register
7
6
5
4
3
2
1
0
LT11
LT10
LT9
LT8
LT7
LT6
LT5
LT4
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 4. Local Temperature High Byte Register Field Descriptions
Bit
Field
Type
Reset
Description
7 - 0
LT11 - LT4
R
0h
Local temperature high byte. The resolution of the LSB in this
register is 1°C. This register is read-only and is updated by the
ADC each time a temperature measurement is completed. When
the full temperature value is needed, reading the high byte
register first causes the low byte register value to be locked (the
ADC does not write to it) until it is read. The same thing happens
upon reading the low byte register value first (the high byte
register value is locked until it is read). This mechanism assures
that both bytes of the read operation are from the same ADC
conversion. This assurance remains valid only until another
register is read. For proper operation, read the high byte of the
temperature result first. Read the low byte register in the next
read command; if the low byte is not needed, the register may
be left unread.
7.6.1.4 Remote Temperature High Byte Register (offset: Read = 01h; Write = N/A) [reset = 00h]
Figure 19. Remote Temperature High Byte Register
7
6
5
4
3
2
1
0
RT11
RT10
RT9
RT8
RT7
RT6
RT5
RT4
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 5. Remote Temperature High Byte Register Field Descriptions
Bit
Field
Type
Reset
Description
7 - 0
RT11 - RT4
R
0h
Remote temperature high byte. The resolution of the LSB in this
register is 1 °C.
This register is read-only and is updated by the ADC each time
a temperature measurement is completed. When the full
temperature value is needed, reading the high byte register first
causes the low byte register value to be locked (the ADC does
not write to it) until it is read. The same thing happens upon
reading the low byte register value first (the high byte register
value is locked until it is read). This mechanism assures that
both bytes of the read operation are from the same ADC
conversion. This assurance remains valid only until another
register is read. For proper operation, read the high byte of the
temperature result first. Read the low byte register in the next
read command; if the low byte is not needed, the register may
be left unread.
7.6.1.5 Status Register (offset: Read = 02h; Write = N/A) [reset = N/A]
Figure 20. Status Register
7
6
5
4
3
2
1
0
BUSY
LHIGH
LLOW
RHIGH
RLOW
OPEN
RTHRM
LTHRM
R
R
R
R
R
R
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
18
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TMP451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com