Electronic Components Datasheet Search
  English  ▼

X  

TMP451 Datasheet(PDF) 27 Page - Texas Instruments

Part # TMP451
Description  TMP451 ±1°C Remote and Local Temperature Sensor With η-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP451 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMP451 Datasheet HTML 23Page - Texas Instruments TMP451 Datasheet HTML 24Page - Texas Instruments TMP451 Datasheet HTML 25Page - Texas Instruments TMP451 Datasheet HTML 26Page - Texas Instruments TMP451 Datasheet HTML 27Page - Texas Instruments TMP451 Datasheet HTML 28Page - Texas Instruments TMP451 Datasheet HTML 29Page - Texas Instruments TMP451 Datasheet HTML 30Page - Texas Instruments TMP451 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
ADJUST
eff
1.008
2088
N
2088

§
·
u

¨
¸
©
¹
eff
ADJUST
1.008
2088

2088
N
§
·
u
¨
¸

©
¹
=
V
V
BE2
BE1
-
hkT
q
ln
I
2
I
1
TMP451
www.ti.com
SBOS686A – JUNE 2013 – REVISED DECEMBER 2014
The TMP451 device allows for a different
η-factor value to be used for converting remote channel measurements
to temperature. The remote channel uses sequential current excitation to extract a differential VBE voltage
measurement to determine the temperature of the remote transistor. Equation 1 shows this voltage and
temperature.
(1)
The value
η in Equation 1 is a characteristic of the particular transistor used for the remote channel. The power-
on reset value for the TMP451 device is
η = 1.008. The value in the η-factor correction register may be used to
adjust the effective
η-factor according to Equation 2 and Equation 3.
(2)
(3)
The
η-factor correction value must be stored in twos complement format, yielding an effective data range from
–128 to 127. The
η-factor correction value is written to and read from pointer address 23h. The register power-on
reset value is 00h, thus having no effect unless a different value is written to it.
Table 27.
η-Factor Range
NADJUST
BINARY
HEX
DECIMAL
η
0111 1111
7F
127
0.950198
0000 1010
0A
10
1.003195
0000 1000
08
8
1.004152
0000 0110
06
6
1.005111
0000 0100
04
4
1.006072
0000 0010
02
2
1.007035
0000 0001
01
1
1.007517
0000 0000
00
0
1.008
1111 1111
FF
–1
1.008483
1111 1110
FE
–2
1.008967
1111 1100
FC
–4
1.009935
1111 1010
FA
–6
1.010905
1111 1000
F8
–8
1.011877
1111 0110
F6
–10
1.012851
1000 0000
80
–128
1.073837
7.6.1.24 Digital Filter Control Register (offset: Read = 24h; Write = 24h) [reset = 00h]
Figure 39. Digital Filter Control Register
7
6
5
4
3
2
1
0
RESERVED
DF1
DF0
R/W-0h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 28. Digital Filter Control Register Field Descriptions
Bit
Field
Type
Reset
Description
1 - 0
DF1 - DF0
R/W
0h
Configures the amount of filtering for the remote temperature
results. Refer toTable 29
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: TMP451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com