Electronic Components Datasheet Search
  English  ▼

X  

TMP451 Datasheet(PDF) 26 Page - Texas Instruments

Part # TMP451
Description  TMP451 ±1°C Remote and Local Temperature Sensor With η-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP451 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMP451 Datasheet HTML 22Page - Texas Instruments TMP451 Datasheet HTML 23Page - Texas Instruments TMP451 Datasheet HTML 24Page - Texas Instruments TMP451 Datasheet HTML 25Page - Texas Instruments TMP451 Datasheet HTML 26Page - Texas Instruments TMP451 Datasheet HTML 27Page - Texas Instruments TMP451 Datasheet HTML 28Page - Texas Instruments TMP451 Datasheet HTML 29Page - Texas Instruments TMP451 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
TMP451
SBOS686A – JUNE 2013 – REVISED DECEMBER 2014
www.ti.com
7.6.1.21 THERM Hysteresis Register (offset: Read = 21h; Write = 21h) [reset = 0Ah]
Figure 36. THERM Hysteresis Register
7
6
5
4
3
2
1
0
HYS11
HYS10
HYS9
HYS8
HYS7
HYS6
HYS5
HYS4
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-1h
R/W-0h
R/W-1h
R/W-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 23. THERM Hysteresis Register Field Descriptions
Bit
Field
Type
Reset
Description
7 - 0
HYS11 - HYS4
R/W
0Ah
THERM hysteresis value. These bits determine the amount of
hysteresis applied to the THERM function. The rsolution of the
LSB in this register is 1 °C.
7.6.1.22 Consecutive ALERT Register (offset: Read = 22h; Write = 22h) [reset = 01h]
Figure 37. Consecutive ALERT Register
7
6
5
4
3
2
1
0
SMBTO
RESERVED
CONAL2
CONAL1
CONAL0
RESERVED
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-1h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 24. Consecutive ALERT Register Field Descriptions
Bit
Field
Type
Reset
Description
7
SMBTO
R/W
0h
SMBus time-out enable or disable. Refer to Time-out Function
1 = Enables the SMBus time-out feature.
0 = Disables the SMBus time-out feature.
3 - 1
CONAL2 - CONAL1
R/W
0h
Number of consecutive out-of-limit measurements required to
activate the ALERT flag and pin
Refer to Table 25
Table 25. Consecutive Alert Configuration
VALUE
Number of Consecutive Out-of-limit Measurements Required
0h
1
1h
2
3h
3
7h
4
7.6.1.23
η-Factor Correction Register (offset: Read = 23h; Write = 23h) [reset = 00h]
Figure 38.
η-Factor Correction Register
7
6
5
4
3
2
1
0
NC7
NC6
NC5
NC4
NC3
NC2
NC1
NC0
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 26.
η-Factor Correction Register Field Descriptions
Bit
Field
Type
Reset
Description
7 - 0
NC7 - NC0
R/W
00h
η-factor value
Refer to Table 27
26
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TMP451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com