Electronic Components Datasheet Search
  English  ▼

X  

TMP451 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMP451
Description  TMP451 ±1°C Remote and Local Temperature Sensor With η-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP451 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMP451 Datasheet HTML 21Page - Texas Instruments TMP451 Datasheet HTML 22Page - Texas Instruments TMP451 Datasheet HTML 23Page - Texas Instruments TMP451 Datasheet HTML 24Page - Texas Instruments TMP451 Datasheet HTML 25Page - Texas Instruments TMP451 Datasheet HTML 26Page - Texas Instruments TMP451 Datasheet HTML 27Page - Texas Instruments TMP451 Datasheet HTML 28Page - Texas Instruments TMP451 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
TMP451
www.ti.com
SBOS686A – JUNE 2013 – REVISED DECEMBER 2014
7.6.1.18 Local Temperature Low Byte Register (offset: Read = 15h; Write = N/A) [reset = 00h]
Figure 33. Local Temperature Low Byte Register
7
6
5
4
3
2
1
0
LT3
LT2
TL1
LT0
RESERVED
R-0h
R-0h
R-0h
R-0h
R-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 20. Local Temperature Low Byte Register Field Descriptions
Bit
Field
Type
Reset
Description
7 - 0
LT3 - LT0
R
0h
Local temperature low byte. The resolution of the four bits in this
register is 0.0625C.
This register is read-only and is updated by the ADC each time
a temperature measurement is completed. When the full
temperature value is needed, reading the high byte register first
causes the low byte register value to be locked (the ADC does
not write to it) until it is read. The same thing happens upon
reading the low byte register value first (the high byte register
value is locked until it is read). This mechanism assures that
both bytes of the read operation are from the same ADC
conversion. This assurance remains valid only until another
register is read. For proper operation, read the high byte of the
temperature result first. Read the low byte register in the next
read command; if the low byte is not needed, the register may
be left unread.
7.6.1.19 Remote Temperature THERM Limit Register (offset: Read = 19h; Write = 19h) [reset = 6C]
Figure 34. Remote Temperature THERM Limit Register
7
6
5
4
3
2
1
0
RTH11
RTH10
RTH9
RTH8
RTH7
RTH6
RTH5
RTH4
R/W-0h
R/W-1h
R/W-1h
R/W-0h
R/W-1h
R/W-1h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 21. Remote Temperature THERM Limit Register Field Descriptions
Bit
Field
Type
Reset
Description
7 - 0
RTH11 - RTH4
R/W
6Ch
Remote temperature THERM limit. These bits determine the
value of the THERM limit to which the remote temperature
measurement is compared. The resolution of the LSB in this
register is 1 °C.
7.6.1.20 Local Temperature THERM Limit Register (offset: Read = 20h; Write = 20h) [reset = 55]
Figure 35. Local Temperature THERM Limit Register
7
6
5
4
3
2
1
0
LTH11
LTH10
LTH9
LTH8
LTH7
LTH6
LTH5
LTH4
R/W-0h
R/W-1h
R/W-0h
R/W-1h
R/W-0h
R/W-1h
R/W-0h
R/W-1h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 22. Local Temperature THERM Limit Register Field Descriptions
Bit
Field
Type
Reset
Description
7 - 0
LTH11 - LTH4
R/W
55h
Local temperature THERM limit. These bits determine the value
of the THERM limit to which the local temperature measurement
is compared. The resolution of the LSB in this register is 1 °C.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: TMP451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com