Electronic Components Datasheet Search
  English  ▼

X  

TMP411CD Datasheet(PDF) 17 Page - Texas Instruments

Part # TMP411CD
Description  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411CD Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP411CD Datasheet HTML 13Page - Texas Instruments TMP411CD Datasheet HTML 14Page - Texas Instruments TMP411CD Datasheet HTML 15Page - Texas Instruments TMP411CD Datasheet HTML 16Page - Texas Instruments TMP411CD Datasheet HTML 17Page - Texas Instruments TMP411CD Datasheet HTML 18Page - Texas Instruments TMP411CD Datasheet HTML 19Page - Texas Instruments TMP411CD Datasheet HTML 20Page - Texas Instruments TMP411CD Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 61 page
background image
6.10 Typical Characteristics (TMP411D) (continued)
At TA = 25°C and V+ = 3.3V (unless otherwise noted)
Frequency (Hz)
0x100
5x106
10x106
15x106
-1
-0.5
0
0.5
1
100mVPP Noise
250mVPP Noise
Figure 6-28. Temperature Error vs Power-Supply Noise
Frequency
Conversion Rate (Hz)
0.0625
0.2 0.3
0.5 0.7 1
2
3 4 5 6 7 8
0
10
20
30
40
50
0.125
0.25
V+ = 1.62V
V+ = 2.7V
V+ = 5.5V
Figure 6-29. Average Current vs Conversion Rate
SCL CLock Frequency (Hz)
1x103
1x104
1x105
1x106
1x107
0
10
20
30
40
50
60
70
80
V+ = 1.62V
V+ = 2.7V
V+ = 5.5V
Figure 6-30. Shutdown Current vs SCL Clock Frequency
Ambient Te mperature (C)
-40
-20
0
20
40
60
80
100
120
0
0.5
1
1.5
2
2.5
3
3.5
V+ = 1.62V
V+ = 2.7V
V+ = 5.5V
Figure 6-31. Standby Current vs Temperature
Figure 6-32. Shutdown Current vs Temperature
Te mperature (C)
-40
-20
0
20
40
60
80
100
120
0
50
100
150
200
250
300
Local
Remote
Figure 6-33. Active Current vs Temperature (Local and Remote)
www.ti.com
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com