Electronic Components Datasheet Search
  English  ▼

X  

TMP411CD Datasheet(PDF) 18 Page - Texas Instruments

Part # TMP411CD
Description  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411CD Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP411CD Datasheet HTML 14Page - Texas Instruments TMP411CD Datasheet HTML 15Page - Texas Instruments TMP411CD Datasheet HTML 16Page - Texas Instruments TMP411CD Datasheet HTML 17Page - Texas Instruments TMP411CD Datasheet HTML 18Page - Texas Instruments TMP411CD Datasheet HTML 19Page - Texas Instruments TMP411CD Datasheet HTML 20Page - Texas Instruments TMP411CD Datasheet HTML 21Page - Texas Instruments TMP411CD Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
6.10 Typical Characteristics (TMP411D) (continued)
At TA = 25°C and V+ = 3.3V (unless otherwise noted)
Ambient Te mperature (C)
-40
-20
0
20
40
60
80
100
120
0
5
10
15
20
25
30
35
40
Local
Local + Remote
Figure 6-34. Conversion Time vs Temperature (Local and Local
+ Remote)
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0.3
0.5
1
2
3
5
10
20
30
50
100
200
300
300
Shutdown
Standby
Active (Local)
Active (Remote)
Figure 6-35. Shutdown, Standby, Active (Local) and Active
(Remote) Currents vs Supply Voltage (Temperature at 25°C)
Data Distribution (LSB)
0
50
100
150
200
250
-2
-1
0
1
2
Figure 6-36. Remote Temperature Noise Data Distribution (300
Samples)
Time (s)
-4
-2
0
2
4
6
8
10
12
14
20
30
40
50
60
70
80
Local
Remote
Figure 6-37. Temperature Response Time (Stirred Liquid,
soldered device on 62mil 2-layer FR4 PCB)
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com