Electronic Components Datasheet Search
  English  ▼

X  

TMP411CD Datasheet(PDF) 25 Page - Texas Instruments

Part # TMP411CD
Description  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411CD Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMP411CD Datasheet HTML 21Page - Texas Instruments TMP411CD Datasheet HTML 22Page - Texas Instruments TMP411CD Datasheet HTML 23Page - Texas Instruments TMP411CD Datasheet HTML 24Page - Texas Instruments TMP411CD Datasheet HTML 25Page - Texas Instruments TMP411CD Datasheet HTML 26Page - Texas Instruments TMP411CD Datasheet HTML 27Page - Texas Instruments TMP411CD Datasheet HTML 28Page - Texas Instruments TMP411CD Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
Note
When a shutdown command is issued, the TMP411/TMP411D device completes the current
conversion before shutting down. The wait time only applies to the 200μs immediately following
shutdown. One-shot commands can be issued without delay thereafter.
7.5 Programming
7.5.1 Serial Interface
The TMP411/TMP411D operates only as a target device on either the two-wire bus or the SMBus. Connections
to either bus are made through the SDA and SCL open-drain I/O lines. The SDA and SCL pins feature
integrated spike suppression filters and Schmitt triggers that minimize the effects of input spikes and bus noise.
The TMP411/TMP411D supports the transmission protocol for fast (1kHz to 400kHz) and high-speed (1kHz to
3.4MHz) modes. All data bytes are transmitted with the MSB first.
7.5.2 Bus Overview
The TMP411/TMP411D is SMBus interface-compatible. In SMBus protocol, the device that initiates the transfer
is a controller, and the controller controls devices known as targets. The bus must be controlled by a controller
device that generates the serial clock (SCL), controls the bus access, and generates the START and STOP
conditions.
To address a specific device, a START condition is initiated. START is indicated by pulling the data line (SDA)
from a high to low logic level while the SCL line is high. All targets on the bus shift are in the target address byte,
with the last bit indicating if a read or write operation is needed. During the ninth clock pulse, the target that is
addressed responds to the controller by generating an acknowledge bit and pulling the SDA line low.
Data transfer is then initiated and sent over eight clock pulses followed by an acknowledge bit. During data
transfer, the SDA line must remain stable while the SCL is high. A change in the SDA while the SCL is high is
interpreted as a control signal.
Once all data transfers, the controller generates a STOP condition. STOP is indicated by pulling the SDA line
from low to high, while the SCL line is high.
7.5.3 Timing Diagrams
The TMP411/TMP411D is two-wire and SMBus-compatible. Figure 7-4 to Figure 7-7 describe the various
operations on the TMP411/TMP411D. Bus definitions are given below:
Bus Idle: Both SDA and SCL lines remain high.
Start Data Transfer: A change in the state of the SDA line, from high to low (while the SCL line is high) defines
a START condition. A START condition initiates each data transfer.
Stop Data Transfer: A change in the state of the SDA line from low to high (while the SCL line is high) defines a
STOP condition. A STOP or repeated START condition terminates each data transfer.
Data Transfer: The number of data bytes transferred between a START and a STOP condition is not limited and
is determined by the controller device. The receiver acknowledges the data transfer.
Acknowledge: Each receiving device (when addressed) is required to generate an acknowledge bit. A device
that acknowledges must pull the SDA line down during the acknowledge clock pulse so the SDA line is
stable and low during the high period of the acknowledge clock pulse. Setup and hold times must be
taken into account. On a controller receive, the controller signals data transfer termination by generating a
not-acknowledge bit transmitted by the controller.
www.ti.com
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com