Electronic Components Datasheet Search
  English  ▼

X  

TMP411CD Datasheet(PDF) 35 Page - Texas Instruments

Part # TMP411CD
Description  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411CD Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMP411CD Datasheet HTML 31Page - Texas Instruments TMP411CD Datasheet HTML 32Page - Texas Instruments TMP411CD Datasheet HTML 33Page - Texas Instruments TMP411CD Datasheet HTML 34Page - Texas Instruments TMP411CD Datasheet HTML 35Page - Texas Instruments TMP411CD Datasheet HTML 36Page - Texas Instruments TMP411CD Datasheet HTML 37Page - Texas Instruments TMP411CD Datasheet HTML 38Page - Texas Instruments TMP411CD Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
If AL or TH = 1, the ALERT /THERM2 pin implements a THERM function ( THERM2). In this mode, THERM2
functions similarly to the THERM pin, except that the local high limit and remote high limit registers are used for
the thresholds. THERM2 goes low when RHIGH or LHIGH is set.
The temperature range is set by configuring bit 2 of the Configuration Register. Setting this bit low configures
the TMP411/TMP411D device for the standard measurement range (0°C to 127°C). Temperature conversions
are stored in the standard binary format. Setting bit 2 high configures the TMP411/TMP411D for the extended
measurement range (−55°C to +150°C). Temperature conversions are stored in the extended binary format, as
listed in Table 7-1.
The remaining bits of the Configuration Register are reserved and must be set to 0. The power-on-reset value for
this register is 00h. Table 8-3 lists the Configuration Register bits.
Table 8-3. Configuration Register Bit Descriptions
CONFIGURATION REGISTER (READ = 03h, WRITE = 09h, POR = 00h)
BIT
NAME
FUNCTION
POWER-ON-RESET VALUE
7
MASK
0 = ALERT enabled
1 = ALERT masked
0
6
SD
0 = Run
1 = Shutdown
0
5
AL or TH
0 = ALERT mode
1 = THERM mode
0
4, 3
Reserved
—
0
2
Temperature range
0 = 0°C to 127°C
1 = –55°C to 150°C
0
1, 0
Reserved
—
0
8.7 Resolution Register
The RES1 and RES0 bits (resolution bits 1 and 0) of the Resolution Register set the resolution of the local
temperature measurement channel. Remote temperature measurement channel resolution is not effected.
Changing the local channel resolution affects the conversion time and rate of the TMP411 only. The Resolution
Register is set by writing to pointer address 1Ah, and is read from pointer address 1Ah. Table 8-4 lists the
resolution bits for the Resolution Register.
Table 8-4. Resolution Register: Local Channel Programmable Resolution
RESOLUTION REGISTER (READ = 1Ah, WRITE = 1Ah, POR = 1Ch)
RES1
RES0
RESOLUTION
CONVERSION TIME
(TYPICAL)
TMP411 (Legacy chip)
CONVERSION TIME
(TYPICAL)
TMP411 (New chip)
TMP411D
0
0
9 Bits (0.5°C)
12.5ms
17.7ms
0
1
10 Bits (0.25°C)
25ms
17.7ms
1
0
11 Bits (0.125°C)
50ms
17.7ms
1
1
12 Bits (0.0625°C)
100ms
17.7ms
Bits 2 through 4 of the resolution register must be set to 1. Bits 5 through 7 of the resolution register must be set
to 0. The power-on-reset value of this register is 1Ch.
8.8 Conversion Rate Register
The Conversion Rate Register controls the rate at which temperature conversions are performed. The register
adjusts the idle time between conversions but not the conversion timing, which allows the TMP411/TMP411D
www.ti.com
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com