Electronic Components Datasheet Search
  English  ▼

X  

TMUX6136 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMUX6136
Description  TMUX6136 ±16.5V, Low Capacitance, Low-Leakage-Current, Precision, Dual SPDT Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6136 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMUX6136 Datasheet HTML 12Page - Texas Instruments TMUX6136 Datasheet HTML 13Page - Texas Instruments TMUX6136 Datasheet HTML 14Page - Texas Instruments TMUX6136 Datasheet HTML 15Page - Texas Instruments TMUX6136 Datasheet HTML 16Page - Texas Instruments TMUX6136 Datasheet HTML 17Page - Texas Instruments TMUX6136 Datasheet HTML 18Page - Texas Instruments TMUX6136 Datasheet HTML 19Page - Texas Instruments TMUX6136 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
VDD
VDD
VSS
VSS
50 Ÿ
GND
S1A
D1
S1B
VS
Network Analyzer
50 Ÿ
50 Ÿ
SEL
VSEL
S2A
D2
S2B
50 Ÿ
VOUT
N.C.
N.C.
Figure 6-9. Inter-Channel Crosstalk Measurement Setup
Cℎannel−to−Cℎannel Crosstalk=20 × Log VOUTVS
(3)
6.1.9 Bandwidth
Bandwidth is defined as the range of frequencies that are attenuated by < 3dB when the input is applied to the
source pin (Sx) of an on-channel, and the output is measured at the drain pin (D) of the TMUX6136. Figure 6-10
shows the setup used to measure bandwidth of the mux. Use Equation 4 to compute the attenuation.
VDD
VDD
VSS
VSS
SEL
GND
VSEL
SA
D
SB
VS
50 Ÿ
Network Analyzer
VOUT
NC
50 Ÿ
Figure 6-10. Bandwidth Measurement Setup
Attenuation=20 × Log V2V1
(4)
6.1.10 THD + Noise
The total harmonic distortion (THD) of a signal is a measurement of the harmonic distortion, and is defined as
the ratio of the sum of the powers of all harmonic components to the power of the fundamental frequency at
the mux output. The on-resistance of the TMUX6136 varies with the amplitude of the input signal and results
in distortion when the drain pin is connected to a low-impedance load. Total harmonic distortion plus noise is
denoted as THD+N.
TMUX6136
SCDS397B – NOVEMBER 2018 – REVISED AUGUST 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX6136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com