Electronic Components Datasheet Search
  English  ▼

X  

TMUX6136 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMUX6136
Description  TMUX6136 ±16.5V, Low Capacitance, Low-Leakage-Current, Precision, Dual SPDT Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6136 Datasheet(HTML) 3 Page - Texas Instruments

  TMUX6136 Datasheet HTML 1Page - Texas Instruments TMUX6136 Datasheet HTML 2Page - Texas Instruments TMUX6136 Datasheet HTML 3Page - Texas Instruments TMUX6136 Datasheet HTML 4Page - Texas Instruments TMUX6136 Datasheet HTML 5Page - Texas Instruments TMUX6136 Datasheet HTML 6Page - Texas Instruments TMUX6136 Datasheet HTML 7Page - Texas Instruments TMUX6136 Datasheet HTML 8Page - Texas Instruments TMUX6136 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
4 Pin Configuration and Functions
1
SEL1
16
N.C.
2
S1A
15
N.C.
3
D1
14
N.C.
4
S1B
13
VDD 
5
VSS 
12
S2B
6
GND
11
D2
7
N.C.
10
S2A
8
N.C.
9
SEL2
Not to scale
Figure 4-1. PW Package, 16-Pin TSSOP (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
SEL1
1
I
Select line 0
S1A
2
I/O
Source pin 1A. Can be an input or output.
D1
3
I/O
Drain pin D1. Can be an input or output.
S1B
4
I/O
Source pin 1B. Can be an input or output.
VSS
5
P
Negative power supply. This pin is the most negative power-supply potential. In single-supply
applications, this pin can be connected to ground. For reliable operation, connect a decoupling
capacitor ranging from 0.1µF to 10µF between VSS and GND.
GND
6
Ground (0V) reference
N.C.
7, 8, 14,
15, 16
No
Connect
No internal connection
SEL2
9
I
Select line 1
S2A
10
I/O
Source pin 2A. Can be an input or output.
D2
11
I/O
Drain pin D2. Can be an input or output.
S2B
12
I/O
Source pin 2B. Can be an input or output.
VDD
13
P
Positive power supply. This pin is the most positive power-supply potential. For reliable operation,
connect a decoupling capacitor ranging from 0.1µF to 10µF between VDD and GND.
(1)
I = input, O = output, P = power
www.ti.com
TMUX6136
SCDS397B – NOVEMBER 2018 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMUX6136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com