Electronic Components Datasheet Search
  English  ▼

X  

TMUX6136 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMUX6136
Description  TMUX6136 ±16.5V, Low Capacitance, Low-Leakage-Current, Precision, Dual SPDT Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6136 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMUX6136 Datasheet HTML 6Page - Texas Instruments TMUX6136 Datasheet HTML 7Page - Texas Instruments TMUX6136 Datasheet HTML 8Page - Texas Instruments TMUX6136 Datasheet HTML 9Page - Texas Instruments TMUX6136 Datasheet HTML 10Page - Texas Instruments TMUX6136 Datasheet HTML 11Page - Texas Instruments TMUX6136 Datasheet HTML 12Page - Texas Instruments TMUX6136 Datasheet HTML 13Page - Texas Instruments TMUX6136 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
5.9 Typical Characteristics (continued)
at TA = 25°C, VDD = 15V, and VSS = –15V (unless otherwise noted)
Drain Voltage (V)
-15
-10
-5
0
5
10
15
-2
-1
0
1
2
VDD= 15V
VSS = -15V
VDD= 10V
VSS = -10V
VDD= 12V
VSS = 0V
D007
TA = 25°C
Figure 5-7. Charge Injection vs Source Voltage
Ambient Temperature (qC)
-50
-25
0
25
50
75
100
125
150
0
30
60
90
120
tON(VDD= 15V, VSS= -15V)
tON(VDD= 12V, VSS= 0V)
tOFF(VDD= 15V, VSS= -15V)
tOFF(VDD= 12V, VSS= 0V)
D008
Figure 5-8. Transition Times vs Temperature
Frequency (Hz)
1E+5
1E+6
1E+7
1E+8
5E+8
-140
-120
-100
-80
-60
-40
-20
0
VDD = 15V
VSS= -15V
VDD = 12V
VSS= 0V
D009
TA = 25°C
Figure 5-9. Off Isolation vs Frequency
Frequency (Hz)
1E+5
1E+6
1E+7
1E+8
5E+8
-140
-120
-100
-80
-60
-40
-20
0
Intra-Channel (SxA to SxB)
Inter-Channel (S1x to S2x)
D001
VDD = 15V, VSS = –15V, TA = 25°C
Figure 5-10. Crosstalk vs Frequency
Frequency (Hz)
1E+5
1E+6
1E+7
1E+8
5E+8
-140
-120
-100
-80
-60
-40
-20
0
Intra-Channel (SxA to SxB)
Inter-Channel (S1x to S2x)
D001
VDD = 12V, VSS = 0V, TA = 25°C
Figure 5-11. Crosstalk vs Frequency
Frequency (Hz)
1E+1
1E+2
1E+3
1E+4
1E+5
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
VDD= 15V
VSS= -15V
VDD= 5V
VSS= -5V
D001
TA = 25°C
Figure 5-12. THD+N vs Frequency
TMUX6136
SCDS397B – NOVEMBER 2018 – REVISED AUGUST 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX6136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com