Electronic Components Datasheet Search
  English  ▼

X  

TMUX6136 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMUX6136
Description  TMUX6136 ±16.5V, Low Capacitance, Low-Leakage-Current, Precision, Dual SPDT Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6136 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMUX6136 Datasheet HTML 2Page - Texas Instruments TMUX6136 Datasheet HTML 3Page - Texas Instruments TMUX6136 Datasheet HTML 4Page - Texas Instruments TMUX6136 Datasheet HTML 5Page - Texas Instruments TMUX6136 Datasheet HTML 6Page - Texas Instruments TMUX6136 Datasheet HTML 7Page - Texas Instruments TMUX6136 Datasheet HTML 8Page - Texas Instruments TMUX6136 Datasheet HTML 9Page - Texas Instruments TMUX6136 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
5.5 Electrical Characteristics (Dual Supplies: ±15V) (continued)
at TA = 25°C, VDD = 15V, and VSS = -15V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RPD(SELx)
Pull-down resistance on SELx
pins
6
MΩ
POWER SUPPLY
IDD
VDD supply current
VA = 0V or 3.3V, VS = 0V
17
21
µA
TA = –40°C to +85°C
22
µA
TA = –40°C to +125°C
23
µA
ISS
VSS supply current
VA = 0V or 3.3V, VS = 0V
8
10
µA
TA = –40°C to +85°C
11
µA
TA = –40°C to +125°C
12
µA
(1)
When VS is positive, VD is negative, and vice versa.
5.6 Switching Characteristics (Dual Supplies: ±15V)
at TA = 25°C, VDD = 15V, and VSS = -15V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tTRAN
Transition time
VS = 10V, RL = 300Ω , CL = 35pF
66
78
ns
VS = 10V, RL = 300Ω , CL = 35pF, TA = –40°C to +85°C
107
ns
VS = 10V, RL = 300Ω , CL = 35pF, TA = –40°C to
+125°C
117
ns
tBBM
Break-before-make time delay
VS = 10V, RL = 300Ω , CL = 35pF, TA = –40°C to
+125°C
20
40
ns
QJ
Charge injection
VS = 0V, RS = 0Ω , CL = 1nF
–0.4
pC
OISO
Off-isolation
RL = 50Ω , CL = 5pF, f = 1MHz
–85
dB
XTALK
Channel-to-channel crosstalk
RL = 50Ω , CL = 5pF, f = 1MHz (Inter-channel: S1x and
S2x)
–105
dB
RL = 50Ω , CL = 5pF, f = 1MHz (Intra-channel: SxA and
SxB)
–92
dB
IL
Insertion loss
RL = 50Ω , CL = 5pF, f = 1MHz
–7
dB
ACPSRR
AC Power Supply Rejection
Ratio
RL = 10kΩ , CL = 5pF, VPP= 0.62V on VDD, f= 1MHz
–59
dB
RL = 10kΩ , CL = 5pF, VPP= 0.62V on VSS, f= 1MHz
–59
dB
BW
-3dB Bandwidth
RL = 50Ω , CL = 5pF
670
MHz
THD
Total harmonic distortion + noise RL = 10kΩ , CL = 5pF, f= 20Hz to 20kHz
0.08
%
CIN
Digital input capacitance
VIN = 0V or VDD
1.5
pF
CS(OFF)
Source off-capacitance
VS = 0V, f = 1MHz
2.4
3.3
pF
CS(ON),
CD(ON)
Source and drain on-
capacitance
VS = 0V, f = 1MHz
5.5
7.5
pF
TMUX6136
SCDS397B – NOVEMBER 2018 – REVISED AUGUST 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX6136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com