Electronic Components Datasheet Search
  English  ▼

X  

TMUX6136 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMUX6136
Description  TMUX6136 ±16.5V, Low Capacitance, Low-Leakage-Current, Precision, Dual SPDT Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6136 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX6136 Datasheet HTML 1Page - Texas Instruments TMUX6136 Datasheet HTML 2Page - Texas Instruments TMUX6136 Datasheet HTML 3Page - Texas Instruments TMUX6136 Datasheet HTML 4Page - Texas Instruments TMUX6136 Datasheet HTML 5Page - Texas Instruments TMUX6136 Datasheet HTML 6Page - Texas Instruments TMUX6136 Datasheet HTML 7Page - Texas Instruments TMUX6136 Datasheet HTML 8Page - Texas Instruments TMUX6136 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TMUX6136 ±16.5V, Low Capacitance, Low-Leakage-Current, Precision,
Dual SPDT Switch
1 Features
• Wide supply range: ±5V to ±16.5V (dual) or
10V to 16.5V (single)
• Latch-up performance meets 100mA per JESD78
Class II Level A on all pins
• Low on-capacitance: 5.5pF
• Low input leakage: 5pA
• Low charge injection: –0.4pC
• Rail-to-rail operation
• Low on-resistance: 120Ω
• Fast transition time: 66ns
• Break-before-make switching action
• SELx pin connectable to VDD with integrated pull-
down
• Logic levels: 2V to VDD
• Low supply current: 17µA
• Human Body Model (HBM) ESD Protection: ± 2kV
on all pins
• Industry-standard TSSOP package
2 Applications
• Factory automation and industrial process controls
• Programmable logic controllers (PLC)
• Analog input modules
• ATE test equipment
• Digital multimeters
• Battery monitoring systems
3 Description
The TMUX6136 is a complementary metal-oxide
semiconductor (CMOS) analog switch containing two
independently selectable SPDT switches. The devices
work well with dual supplies (±5V to ±16.5V), a single
supply (10V to 16.5V), or asymmetric supplies. The
digital select pin (SELx) has transistor-transistor logic
(TTL) compatible thresholds, ensuring TTL/ CMOS
logic compatibility.
The TMUX6136 switches one of two inputs (Sx) to a
common output (D), depending on the status of the
SELx pins. Each switch conducts equally well in both
directions in the ON position and supports input signal
range up to the supplies. In the OFF condition, signal
levels up to the supplies are blocked. All switches
exhibit break-before-make (BBM) switching action.
The TMUX6136 is part of Texas Instruments precision
switches and multiplexers family. The device has very
low leakage current and charge injection, allowing
them to be used in high-precision measurement
applications. The device also provides excellent
isolation by blocking signal levels up to the supplies
when the switches are in the OFF position. Low
supply current of 17μA enables usage in portable
applications.
Package Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
TMUX6136
PW (TSSOP, 16)
5.00mm × 4.40mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
S1A
S1B
D1
TMUX6136
VDD
VSS
SEL1
S2A
S2B
D2
SEL2
Copyright © 2018, Texas Instruments Incorporated
Simplified Schematic
TMUX6136
SCDS397B – NOVEMBER 2018 – REVISED AUGUST 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMUX6136

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6136 TI1-TMUX6136 Datasheet
1Mb / 31P
(-)16.5-V, Low Capacitance, Low-Leakage-Current, Precision, Dual SPDT Switch
TMUX6136PWR TI1-TMUX6136PWR Datasheet
1Mb / 31P
(-)16.5-V, Low Capacitance, Low-Leakage-Current, Precision, Dual SPDT Switch
More results

Similar Description - TMUX6136

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX36S08 TI1-MUX36S08 Datasheet
1Mb / 37P
Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
MUX36S16 TI1-MUX36S16 Datasheet
633Kb / 38P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506 TI1-MUX506 Datasheet
637Kb / 38P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S16 TI1-MUX36S16_17 Datasheet
1Mb / 43P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S08 TI1-MUX36S08_18 Datasheet
1Mb / 41P
36-V, Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
MUX36S16 TI1-MUX36S16_18 Datasheet
1Mb / 47P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
TMUX6119 TI1-TMUX6119 Datasheet
362Kb / 23P
36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
TMUX6121 TI1-TMUX6121 Datasheet
1Mb / 32P
(-)16.5-V, Low-Capacitance, Low-Leakage-Current, Precision, Dual SPST Switches
TMUX6136 TI1-TMUX6136 Datasheet
1Mb / 31P
(-)16.5-V, Low Capacitance, Low-Leakage-Current, Precision, Dual SPDT Switch
MUX36S08 TI1-MUX36S08_19 Datasheet
2Mb / 46P
36-V, low-capacitance, low-leakage-current, precision, analog multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com