Electronic Components Datasheet Search
  English  ▼

X  

ADPL12010 Datasheet(PDF) 5 Page - Analog Devices

Part # ADPL12010
Description  20V, 8A/10A Fully Integrated Buck Converter with 20μA Quiescent Current and Dual-Phase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12010 Datasheet(HTML) 5 Page - Analog Devices

  ADPL12010 Datasheet HTML 1Page - Analog Devices ADPL12010 Datasheet HTML 2Page - Analog Devices ADPL12010 Datasheet HTML 3Page - Analog Devices ADPL12010 Datasheet HTML 4Page - Analog Devices ADPL12010 Datasheet HTML 5Page - Analog Devices ADPL12010 Datasheet HTML 6Page - Analog Devices ADPL12010 Datasheet HTML 7Page - Analog Devices ADPL12010 Datasheet HTML 8Page - Analog Devices ADPL12010 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADPL12008/ADPL12010
20V, 8A/10A Fully Integrated Buck Converter
with 20μA Quiescent Current and Dual-Phase
Capability
www.analog.com
Analog Devices | 5
Electrical Characteristics
(VSUP = VEN = 14V, TJ = -40°C to +150°C, unless otherwise noted. Typical values are at TA = +25°C under normal conditions, unless
otherwise noted (See Note 1, Note 2).)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VSUP
3
20
V
Supply Current
ISUP_SHDN
VEN = 0, TA = +25°C
4
6
μA
ISUP
VEN = high, VOUT = 3.3V, no load,
switching
20
SUP Undervoltage
Lockout
Rising
2.9
3.0
3.2
V
Falling
2.6
2.7
2.9
BIAS Voltage
+2.5V ≤ VSUP ≤ +20V
1.8
V
BIAS Undervoltage
Lockout
VBIAS_UVLO
Rising
1.58
1.63
1.68
V
VBIAS_UVLO_
HYS
Hysteresis
50
mV
BUCK CONVERTER
Adjustable Output-
Voltage Range
fSW = 1.5MHz
0.8
6
V
fSW = 400kHz
0.8
10
FB Voltage Accuracy
VFB_PWM
PWM mode, no load
0.788
0.800
0.812
V
FB Leakage Current
IFB
VFB = 0.8V, TA = +25°C
100
nA
High-Side Switch
On Resistance
RDSON_HS
VBIAS = 1.8V, ILX = 5A
26
53
mΩ
Low-Side Switch
On Resistance
RDSON_LS
VBIAS = 1.8V, ILX = 5A
13
26
mΩ
High-Side Switch
Current-Limit Threshold
ILIM
ADPL12008
10
12
14
A
ADPL12010
11.9
14
16
Low-Side Switch
Negative Current-Limit
Threshold
INEG
-4
A
LX Leakage Current
ILX_LKG
VSUP = 20V, VLX = 0V or VLX = 20V,
TA = +25°C
-5
5
μA
Soft-Start Ramp Time
tSS
fSW = 1.5MHz
3.5
ms
fSW = 400kHz
2.5
Minimum On-Time
TON
(See Note 3)
36
65
ns
Maximum Duty Cycle
Dropout mode
96
%
SWITCHING FREQUENCY
PWM Switching
Frequency
fSW
fSW = 1.5MHz
1.375
1.500
1.625
MHz
fSW = 400kHz
360
400
440
kHz
SYNC External Clock
Frequency
fSYNC
fSW = 1.5MHz
1.215
1.845
MHz
fSW = 400kHz
360
600
kHz
PGOOD OUTPUT
PGOOD Threshold
VPGOOD_R
Percentage of VOUT, rising
92
94
96
%
VGOOD_F
Percentage of VOUT, falling
91
93
95
PGOOD Debounce
TDEB
PWM mode, falling
fSW = 1.5MHz
70
μs
fSW = 400kHz
50
PWM mode, rising
fSW = 1.5MHz
140
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com