Electronic Components Datasheet Search
  English  ▼

X  

ADPL12010 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPL12010
Description  20V, 8A/10A Fully Integrated Buck Converter with 20μA Quiescent Current and Dual-Phase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12010 Datasheet(HTML) 1 Page - Analog Devices

  ADPL12010 Datasheet HTML 1Page - Analog Devices ADPL12010 Datasheet HTML 2Page - Analog Devices ADPL12010 Datasheet HTML 3Page - Analog Devices ADPL12010 Datasheet HTML 4Page - Analog Devices ADPL12010 Datasheet HTML 5Page - Analog Devices ADPL12010 Datasheet HTML 6Page - Analog Devices ADPL12010 Datasheet HTML 7Page - Analog Devices ADPL12010 Datasheet HTML 8Page - Analog Devices ADPL12010 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
20V, 8A/10A Fully Integrated Buck Converter
with 20μA Quiescent Current and Dual-Phase
Capability
ADPL12008/ADPL12010
19-102012; Rev 0;
5/25
© 202
5 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners.
General Description
The ADPL12008/ADPL12010 ICs are highly integrated
synchronous buck converters with internal high-side and
low-side switches. The ICs are designed to deliver up to
8A/10A with an input voltage from 3V to 20V. The
voltage quality can be monitored by the PGOOD signal.
The ICs can operate in dropout mode by running at a
very high duty cycle, making them ideal for factory
automation applications.
The ADPL12008/ADPL12010 ICs offer programmable
output-voltage options. High switching frequency at
1.5MHz and 400kHz options allow for small external
components and reduced output ripple. SYNC input
programmability enables three modes for optimized
performance: Forced–Pulse-width modulation (PWM)
mode, skip mode with ultra-low quiescent current, and
synchronization to an external clock.
The ADPL12008/ADPL12010 ICs also feature dual-
phase capability, which allows up to 20A designs. Two
ICs can be configured as a controller and target with
dynamic current sharing and 180º out-of-phase
operation.
The ADPL12008/ADPL12010 ICs are available in a
small, 3.5mm x 3.75mm, 17-pin flip-chip quad flat
no-lead (FC2QFN) package. They are pin-to-pin
compatible with the ADPL12005/ADPL12006 (5A to 6A)
family of products.
Applications
• Factory Automation
• Point-of-Load
• Distributed DC Power Systems
• Communication Infrastructure
• Test and Measurement
Benefits and Features
• High-Power DC/DC Converter in Small Solution Size
• Operating VIN range of 3V to 20V
• Synchronous DC-DC Converter with Integrated
FETs
• 8A/10A Maximum Output Current
• 400kHz and 1.5MHz Fixed Frequency Options
• Fixed Soft-Start Time
- 2.5ms for 400kHz
- 3.5ms for 1.5MHz
• 36ns Minimum On-Time
• Programmable Output Voltage
- 0.8V to 10V for 400kHz
- 0.8V to 6V for 1.5MHz
• Symmetric and Balanced SUP and PGND Pinout
Placement for Better Electromagnetic
Interference (EMI) Performance
• Thermally-Enhanced 3.5mm x 3.75mm, 17-Pin
FC2QFN Package
• High Efficiency at All Load Ranges
• 20μA Quiescent Current in Skip Mode
• Up to 95.6% Eff. at 12VIN/3.3VOUT/400kHz
• Up to 93.9% Eff. at 12VIN/3.3VOUT/1.5MHz
• Dual-Phase Operation up to 20A Load Capability
• Frequency Synchronization Input/Output
• 180º Out-of-Phase Between Controller and
Target
• Dynamic Current Sharing
• Forced-PWM and Skip-Mode Operation
• Low Dropout Operation
• Power Good Indicator
• Overtemperature and Short-Circuit Protection
• -40°C to +150°C Operating Junction Temperature
Range
• Scalable Power Solution
• Footprint Compatible with
ADPL12005/ADPL12006
Ordering Information appears at end of data sheet.


Similar Part No. - ADPL12010

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL12002 AD-ADPL12002 Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12002AFLA AD-ADPL12002AFLA Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12002AFLB AD-ADPL12002AFLB Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12003 AD-ADPL12003 Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12003AFLA AD-ADPL12003AFLA Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
More results

Similar Description - ADPL12010

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC198 SEMTECH-SC198 Datasheet
406Kb / 16P
Dual DC-DC Buck Converter with High Current Capability
SC198A SEMTECH-SC198A Datasheet
352Kb / 15P
Dual DC-DC Buck Converter with High Current Capability
SC198 SEMTECH-SC198_07 Datasheet
404Kb / 16P
Dual DC-DC Buck Converter with High Current Capability
logo
Maxim Integrated Produc...
MAX16930 MAXIM-MAX16930 Datasheet
1Mb / 29P
2MHz, 36V, Dual Buck with Preboost and 20μA Quiescent Current
Rev 1; 7/13
MAX16932 MAXIM-MAX16932 Datasheet
1Mb / 24P
2.2MHz, 36V, Dual Buck with 20μA Quiescent Current
Rev 2; 2/14
logo
Intersil Corporation
ISL8018 INTERSIL-ISL8018 Datasheet
843Kb / 21P
8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
September 30, 2015
logo
Renesas Technology Corp
ISL8018 RENESAS-ISL8018 Datasheet
1Mb / 21P
8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Maxim Integrated Produc...
MAX17230 MAXIM-MAX17230 Datasheet
1Mb / 29P
2V–36V, Synchronous Dual Buck Controller with Integrated Boost and 20μA Quiescent Current
MAX20408 MAXIM-MAX20408 Datasheet
1Mb / 25P
Automotive 36V, 8A/10A Fully-Integrated Buck
2021
logo
Analog Devices
MAX42408 AD-MAX42408 Datasheet
954Kb / 19P
36V, 8A/10A Fully Integrated Buck Converter with 10μA Quiescent Current and Dual-Phase Capability
19-101749; Rev 0; 11/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com