Electronic Components Datasheet Search
  English  ▼

X  

ADPL12010 Datasheet(PDF) 16 Page - Analog Devices

Part # ADPL12010
Description  20V, 8A/10A Fully Integrated Buck Converter with 20μA Quiescent Current and Dual-Phase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12010 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPL12010 Datasheet HTML 12Page - Analog Devices ADPL12010 Datasheet HTML 13Page - Analog Devices ADPL12010 Datasheet HTML 14Page - Analog Devices ADPL12010 Datasheet HTML 15Page - Analog Devices ADPL12010 Datasheet HTML 16Page - Analog Devices ADPL12010 Datasheet HTML 17Page - Analog Devices ADPL12010 Datasheet HTML 18Page - Analog Devices ADPL12010 Datasheet HTML 19Page - Analog Devices ADPL12010 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADPL12008/ADPL12010
20V, 8A/10A Fully Integrated Buck Converter
with 20μA Quiescent Current and Dual-Phase
Capability
www.analog.com
Analog Devices | 16
PCB Layout Guidelines
1. Careful Printed circuit board (PCB) layout is critical to achieve low switching losses, low EMI, and clean, stable
operation. For example, see Figure 2 for more details.
2. Place the input bypass capacitors CBP and CIN as close as possible to each SUP and PGND on both sides of the IC.
CBP should be placed right next to the SUP and PGND node on the same layer to provide the best EMI rejection and
minimize the input noise on the SUP. The symmetrical CIN and CBP arrangements generate SUP loops with opposite
orientations to cancel the magnetic fields and aid in EMI mitigation.
3. Minimize the connection from the buck output capacitor's ground terminal to the input capacitor's ground terminal.
Keep the buck high-current path, and power traces wide and short. Minimize the traces from the LX node to the
inductor and then to the output capacitors. This minimizes the buck current loop area and minimizes LX trace
resistance and stray capacitance to achieve optimal efficiency.
4. Place the bootstrap capacitor CBST close to the IC. Use short and wide traces from BST and LX, and minimize the
routing parasitic impedance. High parasitic impedance from BST to LX impacts the switching speed, further increases
switching losses, and high dV/dt noise. For the BST to LX routing, see Figure 2.
5. Place the BIAS capacitor as close to the BIAS node as possible. Noise coupling into BIAS can disturb the reference
and bias circuitry if this capacitor is installed away from the IC.
6. Keep the sensitive analog signals (FB/VEA) away from noisy switching nodes (LX and BST) and high current loops.
7. Ground is the return path for the full-load currents flowing into and out of the IC. It is also the common reference
voltage for all analog circuits. Improper ground routing can bring extra resistance and inductance into the current loop,
causing different voltage references and worsening voltage ringing or spikes. Place a solid ground plane layer under
the power loop components layer to shield the switching noise from other sensitive traces. Connect the analog ground
GND and power grounds PGND together at a single point in a star ground connection.
8. The PCB layout also plays an important role in power dissipation and thermal performance. The PGND nodes are the
main power connection area between the IC and the outside of the IC. Place the ground copper area as much as
possible around the PGND area to ensure efficient heat transfer. Place vias as many as possible around the PGND
nodes to further transfer heat down the internal ground plane and other layers, thereby improving the thermal
resistance from the IC package to the ambient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com