Electronic Components Datasheet Search
  English  ▼

X  

ADPL12010 Datasheet(PDF) 15 Page - Analog Devices

Part # ADPL12010
Description  20V, 8A/10A Fully Integrated Buck Converter with 20μA Quiescent Current and Dual-Phase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12010 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPL12010 Datasheet HTML 11Page - Analog Devices ADPL12010 Datasheet HTML 12Page - Analog Devices ADPL12010 Datasheet HTML 13Page - Analog Devices ADPL12010 Datasheet HTML 14Page - Analog Devices ADPL12010 Datasheet HTML 15Page - Analog Devices ADPL12010 Datasheet HTML 16Page - Analog Devices ADPL12010 Datasheet HTML 17Page - Analog Devices ADPL12010 Datasheet HTML 18Page - Analog Devices ADPL12010 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADPL12008/ADPL12010
20V, 8A/10A Fully Integrated Buck Converter
with 20μA Quiescent Current and Dual-Phase
Capability
www.analog.com
Analog Devices | 15
Choose an input capacitor that exhibits less than +10°C self-heating temperature rise at the RMS input current for optimal
long-term reliability. The input-voltage ripple comprises ΔVQ (caused by the capacitor discharge) and ΔVESR (caused by
the ESR of the capacitor). Assume the contribution from the ESR and capacitor discharge is equal to 50%. Calculate the
input capacitance and Equivalent series resistance (ESR) required for a specified input voltage ripple using the following
equations:
ESRIN =
∆VESR
ILOAD(MAX) +
∆IL
2
⁄
CIN =
ILOAD(MAX) × D (1 − D)
∆VQ × fSW
Where:
∆IL =
(
VSUP − VOUT) × VOUT
VSUP × fSW × L
D =
VOUT
VSUP
and ILOAD(MAX) is the maximum output current, ΔIL is the peak-to-peak inductor current, fSW is the switching frequency,
and D is the duty cycle.
Selecting the Inductor
Inductor selection is a compromise between component size, efficiency, control loop bandwidth, and loop stability.
Insufficient inductance increases the inductor current ripple, conduction losses, and output voltage ripple, and causes
loop instability in the worst case. A large inductor reduces the inductor current ripple by sacrificing component size and
slow response. For recommended inductor values, see Table 2 for more details.
Output Capacitor
The output capacitor is a critical component for switching regulators. It is selected to meet the requirements for output
voltage ripple, load transient response, and loop stability.
The output voltage ripple comprises ΔVQ (caused by the capacitor discharge) and ΔVESR (caused by the ESR of the
output capacitor). Use low ESR ceramic capacitors. Assume the contribution to the output ripple voltage from ESR and
the capacitor discharge to be equal. Use the following equations for the output capacitance and ESR for a specified output
voltage ripple.
ESR =
∆VESR
∆IP-P
COUT =
∆IP-P
8 × ∆VQ × fSW
∆IP-P =
(
VSUP − VOUT) × VOUT
VSUP × fSW × L
VOUTRIPPLE = ∆VESR + ∆VQ
Where, ΔIP-P is the peak-to-peak inductor current, and fSW is the switching frequency.
During a load step, the output capacitors supply the load current before the converter loop responds with a higher duty
cycle, which causes the output voltage to undershoot. To keep the maximum output voltage deviations below the tolerable
limits of the electronics being powered, calculate the output capacitance with the following equation:
COUT =
∆ILOAD
∆V × 2π × fC
Where, ΔI is the load step, ΔV is the allowed output voltage undershoot, and fC is the loop crossover frequency, which
can be assumed to be the lesser of fSW/10 or 100kHz. The calculated COUT is the capacitance after considering
capacitance tolerance, temperature effect, and voltage derating. Table 2 shows the recommended values of output
capacitance based on frequency and output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com