Electronic Components Datasheet Search
  English  ▼

X  

ADPL12010 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPL12010
Description  20V, 8A/10A Fully Integrated Buck Converter with 20μA Quiescent Current and Dual-Phase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12010 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPL12010 Datasheet HTML 2Page - Analog Devices ADPL12010 Datasheet HTML 3Page - Analog Devices ADPL12010 Datasheet HTML 4Page - Analog Devices ADPL12010 Datasheet HTML 5Page - Analog Devices ADPL12010 Datasheet HTML 6Page - Analog Devices ADPL12010 Datasheet HTML 7Page - Analog Devices ADPL12010 Datasheet HTML 8Page - Analog Devices ADPL12010 Datasheet HTML 9Page - Analog Devices ADPL12010 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADPL12008/ADPL12010
20V, 8A/10A Fully Integrated Buck Converter
with 20μA Quiescent Current and Dual-Phase
Capability
www.analog.com
Analog Devices | 6
(VSUP = VEN = 14V, TJ = -40°C to +150°C, unless otherwise noted. Typical values are at TA = +25°C under normal conditions, unless
otherwise noted (See Note 1, Note 2).)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
fSW = 400kHz
100
PGOOD High-Leakage
Current
IPGOOD_LKG
TA = +25°C
1
μA
PGOOD Low-Voltage
Level
VPGOOD_LOW Sinking 1mA
0.4
V
LOGIC LEVELS
EN High-Voltage Level
VEN_HIGH
1.2
V
EN Low-Voltage Level
VEN_LOW
0.5
V
EN Input Current
IEN
VEN = VSUP = 20V, TA = +25°C
1
μA
SYNC High-Voltage
Level
VSYNC_HIGH
1.4
V
SYNC Low-Voltage
Level
VSYNC_LOW
0.4
V
SYNC Input Current
IIN,SYNC
TA = +25°C
1
μA
SYNCOUT Output-
Voltage Level
VSYNCOUT
No load
2.6
3.3
3.9
V
THERMAL PROTECTION
Thermal Shutdown
TSHDN
175
°C
Thermal Shutdown
Hysteresis
TSHDN_HYS
20
°C
Note 1: All units are 100% production tested at +25°C. All temperature limits are guaranteed by design and characterization.
Note 2: The device is designed for continuous operation up to TJ = +125°C for 95,000 hours and TJ = +150°C for 5000 hours.
Note 3: Guaranteed by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com