Electronic Components Datasheet Search
  English  ▼

X  

ADPL12010 Datasheet(PDF) 10 Page - Analog Devices

Part # ADPL12010
Description  20V, 8A/10A Fully Integrated Buck Converter with 20μA Quiescent Current and Dual-Phase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12010 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADPL12010 Datasheet HTML 6Page - Analog Devices ADPL12010 Datasheet HTML 7Page - Analog Devices ADPL12010 Datasheet HTML 8Page - Analog Devices ADPL12010 Datasheet HTML 9Page - Analog Devices ADPL12010 Datasheet HTML 10Page - Analog Devices ADPL12010 Datasheet HTML 11Page - Analog Devices ADPL12010 Datasheet HTML 12Page - Analog Devices ADPL12010 Datasheet HTML 13Page - Analog Devices ADPL12010 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADPL12008/ADPL12010
20V, 8A/10A Fully Integrated Buck Converter
with 20μA Quiescent Current and Dual-Phase
Capability
www.analog.com
Analog Devices | 10
Pin Descriptions
PIN
NAME
FUNCTION
1
EN
High-Voltage Compatible Enable Input. Drive EN high to enable the buck converter.
2
BST
High-Side Gate Driver Supply. Connect a 0.1μF ceramic capacitor between BST and LX.
3
SUP
IC Supply Input and Internal High-Side Switch Supply Input. Bypass SUP to PGND with 0.1μF and 4.7μF
ceramic capacitors as close as possible. Both SUP pins are internally connected.
4, 5
PGND
Power Ground. Connect all PGND pins together.
6
LX
Buck Inductor Connection. Connect an inductor from LX to the buck output. LX is high impedance when
the IC is disabled.
7, 8
PGND
Power Ground. Connect all PGND pins together.
9
SUP
IC Supply Input and Internal High-Side Switch Supply Input. Bypass SUP to PGND with 0.1μF and 4.7μF
ceramic capacitors as close as possible. Both SUP pins are internally connected.
10
GND
Analog Ground. Connect GND and PGND through the start connection to the PCB ground plane.
11
BIAS
1.8V Internal Linear Regulator Output. Connect BIAS to ground with a minimum of 2.2μF ceramic
capacitor.
12
FB
Feedback Input. Connect FB to a resistor-divider between OUT and GND to adjust the output voltage
between 0.8V and 10V.
13
OUT
Output Voltage Sense Input. The buck converter uses OUT to sense output voltage.
14
VEA
Internal Voltage Loop Error Amplifier Output. Connect the VEA of the controller and target together in
dual-phase operation. Leave VEA open for single-phase operation.
15
PGOOD
Open-Drain Power Good Output. The PGOOD is low if the buck output voltage falls below 93% (typ) of
the regulation voltage. The PGOOD becomes high impedance when the buck output voltage rises above
94% (typ) of its regulation voltage. The PGOOD asserts low during soft-start. Connect PGOOD to BIAS
or a positive voltage lower than 5.5V with a pull-up resistor to indicate buck output status.
16
SYNC
External Clock Synchronization Input. Connect SYNC low to enable skip-mode operation. Connect
SYNC high for forced PWM operation. Connect a valid external clock signal to SYNC to enable external
clock synchronization.
17
SYNCOUT
180° Out-of-Phase Clock Output. In dual-phase operation, connect SYNCOUT to BIAS to configure the
IC as a target, and connect the SYNCOUT of the controller to the SYNC of the target. Leave SYNC open
in single-phase operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com