Electronic Components Datasheet Search
  English  ▼

X  

ADPL12010 Datasheet(PDF) 12 Page - Analog Devices

Part # ADPL12010
Description  20V, 8A/10A Fully Integrated Buck Converter with 20μA Quiescent Current and Dual-Phase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12010 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPL12010 Datasheet HTML 8Page - Analog Devices ADPL12010 Datasheet HTML 9Page - Analog Devices ADPL12010 Datasheet HTML 10Page - Analog Devices ADPL12010 Datasheet HTML 11Page - Analog Devices ADPL12010 Datasheet HTML 12Page - Analog Devices ADPL12010 Datasheet HTML 13Page - Analog Devices ADPL12010 Datasheet HTML 14Page - Analog Devices ADPL12010 Datasheet HTML 15Page - Analog Devices ADPL12010 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADPL12008/ADPL12010
20V, 8A/10A Fully Integrated Buck Converter
with 20μA Quiescent Current and Dual-Phase
Capability
www.analog.com
Analog Devices | 12
Thermal Shutdown Protection
Thermal shutdown protection limits total power dissipation in the ICs. When the junction temperature exceeds +175°C,
an internal sensor shuts down the ICs, allowing them to cool. The thermal sensor turns on the ICs again after the junction
temperature cools by 20°C.
Dual-Phase Operation
Two ADPL12008/ADPL12010 ICs can be configured in dual-phase to provide higher output current up to 20A. To operate
in dual-phase mode, one IC is programmed as a target by connecting its SYNCOUT to BIAS, and the other IC is treated
as the controller. The SYNCOUT of the controller is connected to the SYNC of the target, allowing both ICs to switch in
180° out-of-phase. Therefore, with the present SYNCOUT signal from the controller, FPWM is recommended for dual-
phase operation.
The VEA nodes of the controller and target are connected to ensure balanced current sharing between the two phases.
Also, by doing this, the controller's voltage control loop is shared with the target. Instead of connecting FB nodes together,
use separate resistor-dividers for each phase.
To set the output voltage to a value, connect a resistor-divider between the buck output, FB, and GND as shown in
Figure 1. Use an identical but separate resistor-divider for the controller and the target.
RFB1
CONTROLLER
TARGET
OUT
OUT
FB
BIAS
BIAS
RFB1
RFB2
RFB2
2.2µF
2.2µF
FB
Figure 1. Typical Application Circuit for Dual-Phase Configuration with External Resistor-Divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com