Electronic Components Datasheet Search
  English  ▼

X  

TPS22810 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS22810
Description  TPS22810, 2.7-18-V, 79-mΩ On-Resistance Load Switch With Thermal Protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22810 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS22810 Datasheet HTML 12Page - Texas Instruments TPS22810 Datasheet HTML 13Page - Texas Instruments TPS22810 Datasheet HTML 14Page - Texas Instruments TPS22810 Datasheet HTML 15Page - Texas Instruments TPS22810 Datasheet HTML 16Page - Texas Instruments TPS22810 Datasheet HTML 17Page - Texas Instruments TPS22810 Datasheet HTML 18Page - Texas Instruments TPS22810 Datasheet HTML 19Page - Texas Instruments TPS22810 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
VIN
VOUT
CIN
VIN
EN/
UVLO
GND
GATE
CONTROL
Thermal
Shutdown
2.54 V
2.4 V
1.23 V
1.13 V
CL
Copyright © 2016, Texas Instruments Incorporated
VIN
VOUT
CIN
VIN
EN/
UVLO
GND
GATE
CONTROL
Thermal
Shutdown
2.54 V
2.4 V
1.23 V
1.13 V
CL
GPIO
Copyright © 2016, Texas Instruments Incorporated
16
TPS22810
SLVSDH0C – DECEMBER 2016 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: TPS22810
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Figure 19. Using 1.8 V/3.3 V GPIO Signal Directly from Processor
Figure 20. Default UVLO Threshold V(UVR) Using No Additional External Components
9.3.4 Adjustable Rise Time (CT)
A capacitor to GND on the CT pin sets the slew rate. The voltage on the CT pin can be as high as 2.5 V. An
approximate formula for the relationship between CT and slew rate is shown in Equation 3. This equation
accounts for 10% to 90% measurement on VOUT and does NOT apply for CT < 1 nF.
Use Table 2 to determine rise times for when Ct
≥ 1 nF.
SR = 46.62 / Ct
where
•
SR is the slew rate (in V/µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com